Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 184 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 184 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 180Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 181Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 182Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 183Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 184Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 185Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 186Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 187Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 221 page
background image
183
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors (Medium Voltage)
For Camera Flash Circuit GR7 Series
s Features
1. Suitable for the trigger of the flash circuit,
because real capacitance is stable during
operating voltage.
2. The thin type fits thinner cameras.
3. Sn-plated external electrodes realize good
solderability.
4. For flow and reflow soldering
s Applications
For strobe circuit
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
L
W
e
e
g
Part Number
LW
T
Dimensions (mm)
g min.
GR731A
GR731B
1.0 +0, -0.3
1.2
1.6
±0.2
3.2
±0.2
1.25 +0, -0.3
GR721A
0.7
e min.
0.3
1.25
±0.2
2.0
±0.2
1.0 +0, -0.3
GR721B
1.25
±0.2
GR731C
1.6
±0.2
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GR721AW0BB103KW01D
DC350
-
10000
±10%
2.0
1.25
1.0
0.7
0.3 min.
GR731AW0BB103KW01D
DC350
-
10000
±10%
3.2
1.6
1.0
1.2
0.3 min.
GR721AW0BB153KW01D
DC350
-
15000
±10%
2.0
1.25
1.0
0.7
0.3 min.
GR731AW0BB153KW01D
DC350
-
15000
±10%
3.2
1.6
1.0
1.2
0.3 min.
GR721BW0BB223KW03L
DC350
-
22000
±10%
2.0
1.25
1.25
0.7
0.3 min.
GR731AW0BB223KW01D
DC350
-
22000
±10%
3.2
1.6
1.0
1.2
0.3 min.
GR731BW0BB223KW01L
DC350
-
22000
±10%
3.2
1.6
1.25
1.2
0.3 min.
GR721BW0BB273KW03L
DC350
-
27000
±10%
2.0
1.25
1.25
0.7
0.3 min.
GR731AW0BB273KW01D
DC350
-
27000
±10%
3.2
1.6
1.0
1.2
0.3 min.
GR731AW0BB333KW01D
DC350
-
33000
±10%
3.2
1.6
1.0
1.2
0.3 min.
GR731BW0BB333KW01L
DC350
-
33000
±10%
3.2
1.6
1.25
1.2
0.3 min.
GR731CW0BB473KW03L
DC350
-
47000
±10%
3.2
1.6
1.6
1.2
0.3 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com