Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 198 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 198 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 221 page
background image
Safety Standard Certified Type GC/GD/GF/GB Specifications and Test Methods
Continued from the preceding page.
Continued on the following page.
*1 "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*2 "C" expresses nominal capacitance value (pF).
Preheat the capacitor as in table. Immerse the capacitor in
solder solution at 260
T5D for 10T1 sec. Let sit at room
condition*1 for 24
T2 hrs., then measure.
#Immersing speed: 25T2.5mm/s
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
*Preheating
15
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion).
Immerse in solder solution for 2
T0.5 sec.
Immersing speed: 25
T2.5mm/s
Temp. of solder: 245
T5°C Lead Free Solder (Sn-3.0Ag-0.5Cu)
235
T5°C H60A or H63A Eutectic Solder
14
Solderability of
Termination
75% of the terminations are to be soldered evenly and continuously.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 2.
Then apply a force in the direction shown in Fig. 3. The soldering
should be done using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Fig. 3
13
Deflection
No marking defects
Fig. 2
Solder the capacitor to the test jig (glass epoxy board).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should be applied
for a period of 2 hrs. in each of 3 mutually perpendicular
directions (total of 6 hrs.).
12
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
Q
No.
Test Method
Specifications
Item
Char.
Specification
D.F.
V0.025
Q
U400W20C*2 (CF30pF)
Q
U1000
(C
U30pF)
X7R
SL
L
ZW
(mm)
a
Dimension (mm)
3.5
3.5
4.5
4.5
b
7.0
7.0
8.0
8.0
c
2.4
3.7
3.2
5.6
d
1.0
4.5
Z2.0
4.5
Z3.2
5.7
Z2.8
5.7
Z5.0
Char.
Capacitance Change
Within
T10%
Within
T2.5% or T0.25pF
(Whichever is larger)
X7R
SL
Step
Temperature
100 to 120
D
170 to 200
D
Time
1 min.
1 min.
1
2
Solder resist
Cu
Glass Epoxy Board
b
a
c
100
φ4.5
t : 1.6
d
Capacitance meter
Flexure=1
20 50
R230
45
45
(in mm)
Pressurizing
speed: 1.0mm/s
Pressurize
GA3 Series Specifications and Test Methods
197
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com