Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 199 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 199 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 203Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 221 page
background image
Safety Standard Certified Type GC/GD/GF/GB Specifications and Test Methods
Continued from the preceding page.
Continued on the following page.
*1 "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*2 "C" expresses nominal capacitance value (pF).
Before this test, the test shown in the following is performed.
·Item 11 Adhesive Strength of Termination (apply force is 5N)
·Item 13 Deflection
Impulse Voltage
Each individual capacitor should
be subjected to a 2.5kV (Type
GC/GF: 5kV) Impulse (the
voltage value means zero to
peak) for three times. Then the
capacitors are applied to life test.
Apply voltage as in Table for 1,000 hrs. at 125
W2
Y0
D, relative
humidity 50% max.
Let sit for 24
T2 hrs. at room condition,*1 then measure.
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
18
Life
Appearance
No marking defects
Capacitance
Change
D.F.
Q
I.R.
More than 3,000M
Ω
Dielectric
Strength
In accordance with item No.4
Char.
Capacitance Change
Within
T20%
Within
T3.0% or T0.3pF
(Whichever is larger)
X7R
SL
Char.
Specification
D.F.
V0.05
Q
U275W5/2C*2 (CF30pF)
Q
U350
(C
U30pF)
X7R
SL
Before this test, the test shown in the following is performed.
·Item 11 Adhesive Strength of Termination (applied force is 5N)
·Item 13 Deflection
Let the capacitor sit at 40
T2D and relative humidity of 90 to 95%
for 500
W24
Y 0
hrs.
Remove and let sit for 24
T2 hrs. at room condition,*1 then
measure.
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
17
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
D.F.
Q
I.R.
More than 3,000M
Ω
Dielectric
Strength
In accordance with item No.4
Char.
Capacitance Change
Within
T15%
Within
T5.0% or T0.5pF
(Whichever is larger)
X7R
SL
Char.
Specification
D.F.
V0.05
Q
U275W5/2C*2 (CF30pF)
Q
U350
(C
U30pF)
X7R
SL
Fix the capacitor to the supporting jig (glass epoxy board) shown
in Fig. 4.
Perform the 5 cycles according to the 4 heat treatments listed in
the following table.
Let sit for 24
T2 hrs. at room condition,*1 then measure.
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
Fig. 4
16
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
D.F.
Q
I.R.
More than 3,000M
Ω
Dielectric
Strength
In accordance with item No.4
Char.
Capacitance Change
Within
T15%
Within
T2.5% or T0.25pF
(Whichever is larger)
X7R
SL
Char.
Specification
D.F.
V0.05
Q
U400W20C*2 (CF30pF)
Q
U1000
(C
U30pF)
X7R
SL
No.
Test Method
Specifications
Item
Step
Temperature (
D)
Min. Operating Temp.
T3
Room Temp.
Max. Operating Temp.
T2
Room Temp.
Time (min.)
30
T3
2 to 3
30
T3
2 to 3
1
2
3
4
Type
Applied Voltage
AC312.5V (r.m.s.), except that once each hour the
voltage is increased to AC1,000V (r.m.s.) for 0.1 sec.
AC425V (r.m.s.), except that once each hour the
voltage is increased to AC1,000V (r.m.s.) for 0.1 sec.
GB
GC
GF
GD
Solder resist
Cu
Glass Epoxy Board
Front time (T1)=1.2
µs=1.67T
Time to half-value (T2)=50
µs
T
t
T2
T1
0
30
50
90
(%)
100
GA3 Series Specifications and Test Methods
198
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com