Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 216 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 216 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 212Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 213Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 214Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 215Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 216Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 217Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 218Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 219Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 220Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 221 page
background image
3. Soldering
(1) Limit of losing effective area of the terminations and
conditions needed for soldering.
(2) Flux Application
(3) Solder
A
B
C
D
Termination
Continued from the preceding page.
2. Mounting of Chips
Mechanical shock of the chip placer
When the positioning claws and pick-up nozzle are worn,
the load is applied to the chip while positioning is
concentrated in one position, thus causing cracks,
breakage, faulty positioning accuracy, etc.
Careful checking and maintenance are necessary to
prevent unexpected trouble.
An excessively low bottom dead point of the suction
nozzle imposes great force on the chip during mounting,
causing cracked chips. Please set the suction nozzle's
bottom dead point on the upper surface of the board.
Thickness of adhesives applied
Keep thickness of adhesives applied (50-105
µm or more)
to reinforce the adhesive contact considering the
thickness of the termination or capacitor (20-70
µm) and
the land pattern (30-35
µm).
Continued on the following page.
Depending on the conditions of the soldering
temperature and/or immersion (melting time),
effective areas may be lost in some parts of the
terminations.
To prevent this, be careful in soldering so that any
possible loss of the effective area on the terminations
will securely remain at a maximum of 25% on all
edge length A-B-C-D-A of part with A, B, C, D, shown
in the Figure below.
An excessive amount of flux generates a large quantity of
flux gas, causing deteriorated solderability. So apply flux
thinly and evenly throughout. (A foaming system is
generally used for flow soldering.)
Flux containing too high a percentage of halide may
cause corrosion of the outer electrodes without sufficient
cleaning. Use flux with a halide content of 0.2% max.
Do not use strong acidic flux.
Do not use water-soluble flux.*
(*Water-soluble flux can be defined as non rosin type flux
including wash-type flux and non-wash-type flux.)
The use of Sn-Zn based solder will deteriorate the
reliability of the MLCC.
Please contact our sales representative or product
engineers on the use of Sn-Zn based solder in advance.
in section
in section
in section
in section
in section
in section
Land Layout to Prevent Excessive Solder
Mounting Close to a Chassis
Mounting with Leaded Components
Mounting Leaded Components Later
Examples
to Be Avoided
Examples of
Improvements
by the Land
Division
Lead Wire Connected
to a Part Provided
with Lead Wires.
Chassis
Solder (Ground solder)
Adhesive
Base board
Land Pattern
d1
Soldering Iron
Lead Wire of
Component to be
Connected Later.
Solder Resist
Solder Resist
d2
d1<d2
Solder Resist
Notice
215
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com