Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 217 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 217 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 213Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 214Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 215Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 216Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 217Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 218Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 219Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 220Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 221Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 217 / 221 page
background image
4. Cleaning
Please confirm there is no problem in the reliability of the
product beforehand when cleaning it with the intended
equipment.
The residue after cleaning it might cause a decrease in
the surface resistance of the chip and the corrosion of the
electrode part, etc. As a result it might cause reliability to
deteriorate. Please confirm beforehand that there is no
problem with the intended equipment in ultrasonic
cleansing.
5. Resin Coating
Please use it after confirming there is no influence on the
product with the intended equipment before the resin
coating and molding.
A cracked chip might be caused at the cooling/heating
cycle by the amount of resin spreading and/or bias
thickness.
The resin for coating and molding must be selected as
the stress is small when stiffening and the hygroscopic is
low as possible.
Continued from the preceding page.
Notice
216
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Rating
1. Capacitance change of capacitor
(1) In the case of X7R char.
Capacitors have an aging characteristic, whereby
the capacitor continually decreases its
capacitance slightly if the capacitor is left on
for a long time. Moreover, capacitance might change
greatly depending on the surrounding temperature
or an applied voltage. Therefore, it is not likely to be
suitable for use in a time constant circuit.
Please contact us if you need detailed information.
(2) In the case of any char. except X7R
Capacitance might change a little depending on the
surrounding temperature or an applied voltage.
Please contact us if you intend to use this product
in a strict time constant circuit.
2. Performance check by equipment
Before using a capacitor, check that there is no
problem in the equipment's performance and the
specifications.
Generally speaking, CLASS 2 (X7R char.) ceramic
capacitors have voltage dependence characteristics
and temperature dependence characteristics in
capacitance. Therefore, the capacitance value may
change depending on the operating condition in the
equipment.
Accordingly, be sure to confirm the apparatus
performance of receiving influence in a capacitance
value change of a capacitor, such as leakage current
and noise suppression characteristics.
Moreover, check the surge-proof ability of a
capacitor in the equipment, if needed, because the
surge voltage may exceed the specific value by the
inductance of the circuit.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com