Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 65 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 65 Page - ams AG

Back Button AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
64 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
4
curr126_aud_on
0b
R/W
Audio controlled LED enable for CURR1, CURR2, CURR6
0off
1
on, audio controlled LED is enabled
5
rgbx_aud_on
0b
R/W
Audio controlled LED enable for RGB1-RGB3
0off
1
on, audio controlled LED is enabled
6
curr4x_aud_on
0b
R/W
Audio controlled LED enable for CURR41-CURR43
0off
1
on, audio controlled LED is enabled
Table 85. CURR3x audio source
Register
Addr: 53h
CURR3x audio source
Controls CURR30,31,32,33 audio outputs and enables audio controlled LED
Bit
Bit Name
Default Access
Description
1:0
curr30_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR30
00
All other modes
01
ch1 connected to CURR30, audio controlled
LED on
10
ch2 connected to CURR30, audio controlled
LED on
11
ch3 connected to CURR30, audio controlled
LED on
3:2
curr31_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR31
00
All other modes
01
ch1 connected to CURR31, audio controlled
LED on
10
ch2 connected to CURR31, audio controlled
LED on
11
ch3 connected to CURR32, audio controlled
LED on
5:4
curr32_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR32
00
All other modes
01
ch1 connected to CURR32, audio controlled
LED on
10
ch2 connected to CURR32, audio controlled
LED on
11
ch3 connected to CURR32, audio controlled
LED on
Table 84. Audio output
Register (Continued)
Addr: 48h
Audio output
Audio Sync input control
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com