Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 18 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 18 Page - ams AG

Back Button AS3675 Datasheet HTML 14Page - ams AG AS3675 Datasheet HTML 15Page - ams AG AS3675 Datasheet HTML 16Page - ams AG AS3675 Datasheet HTML 17Page - ams AG AS3675 Datasheet HTML 18Page - ams AG AS3675 Datasheet HTML 19Page - ams AG AS3675 Datasheet HTML 20Page - ams AG AS3675 Datasheet HTML 21Page - ams AG AS3675 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
17 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 14. Charge Pump Pin Connections
The Charge Pump requires the external components listed in the following table:
Note: The connections of the external capacitors C2, C3, C4 and C5 should be kept as short as possible.
The maximum voltage on the flying capacitors C3 and C4 is VBAT.
Table 13. Charge Pump External Components
Symbol
Parameter
Condition
Min
Typ
Max
Unit
C2
External Decoupling
Capacitor
Ceramic low-ESR capacitor between pins
VBAT and VSS.
1.0
µF
C3, C4
External Flying
Capacitor (2x)
Ceramic low-ESR capacitor between pins
C1_P and C1_N, between pins C2_P and
C2_N and between VBAT and VSS
1.0
µF
C5
External Storage
Capacitor
Ceramic low-ESR capacitor between pins
CPOUT and VSS, pins CPOUT and VSS. Use
nominal 2.2µF capacitors (size 0603)
2.2
µF
Table 14. Charge Pump Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICPOUT
Output Current
Continuous
Depending on PCB layout
0.0
300
mA
Output Current
Pulsed
max. 200ms
VCPOUT=
VBAT * CPMODE – ILOAD * RCP
0.0
500
mA
VCPOUTmax
Output Voltage
Internally limited, Including output ripple
5.6
V
η
Efficiency
Including current sink loss;
ICPOUT < 100mA.
60
90
%
ICP1_1.5
Power Consumption
without Load
fclk = 1 MHz
1:1.5 Mode
3.4
mA
ICP1_2
1:2 Mode
3.8
Rcp1_1
Effective Charge
Pump Output
Resistance (Open
Loop, fclk = 1MHz)
1:1 Mode; VBAT
≥ 3.5V
0.57
Ω
Rcp1_1.5
1:1.5 Mode; VBAT
≥ 3.3V
2.65
Rcp1_2
1:1.2 Mode; VBAT
≥ 3.1V
3.25
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
  
  













AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com