Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 5 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 5 Page - ams AG

  AS3675 Datasheet HTML 1Page - ams AG AS3675 Datasheet HTML 2Page - ams AG AS3675 Datasheet HTML 3Page - ams AG AS3675 Datasheet HTML 4Page - ams AG AS3675 Datasheet HTML 5Page - ams AG AS3675 Datasheet HTML 6Page - ams AG AS3675 Datasheet HTML 7Page - ams AG AS3675 Datasheet HTML 8Page - ams AG AS3675 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
4 - 80
AS3675
Datasheet - P i n o u t
4 Pinout
Table 1. Pin Description for AS3675
Pin
Number
Pin Name
Type
Description
A1
GPIO
AIO
General Purpose Input Output
A2
VANA/GPI
AIO
LDO Output/General Purpose Input
A3
C2_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this
pin.
A4
C1_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this
pin.
A5
CPOUT
AO
Output voltage of the Charge Pump; connect a ceramic capacitor of 1µF
(±20%).
A6
DATA
DIO
Serial interface data input/output.
B1
AUDIO_IN
AI
Audio Input
B2
VSS_CP
GND
Ground Pad for Charge Pump
B3
C1_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this
pin.
B4
C2_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 500nF to this
pin.
B5
DCDC_GATE
AO
DCDC gate driver.
B6
CLK
DI
Clock input for serial interface.
C1
CURR41
AI
Analog current sink input
C2
RGB3
AI
Analog current sink input
C3
VSS
GND
Ground pad
C4
VBAT
S
Supply pad. Connect to battery.
C5
CURR30
AI
Analog current sink input, intended for activity icon LED
C6
DCDC_SNS
AI
Sense input of shunt resistor for Step Up DC/DC Converter.
D1
CURR43
AI
Analog current sink input
D2
RGB1
AI
Analog current sink input
D3
CURR33
AI
Analog current sink input, intended for activity icon LED
D4
CURR31
AI
Analog current sink input, intended for activity icon LED
D5
CURR2
AI_HV
Analog current sink input (intended for Keyboard backlight)
D6
DCDC_FB
AI
DCDC feedback. Connect to resistor string.
E1
CURR42
AI
Analog current sink input
E2
RGB2
AI
Analog current sink input
E3
CURR32
AI
Analog current sink input, intended for activity icon LED
E4
CURR6
AI_HV
Analog current sink input (intended for Keyboard backlight)
E5
CURR1
AI_HV
Analog current sink input (intended for Keyboard backlight)
E6
V2_5
AO3
Output voltage of the Low-Power LDO; always connect a ceramic capacitor of
1µF (±20%) or 2.2µF (+100%/-50%).
Do not load this pin during device startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com