Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 75 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 75 Page - ams AG

Back Button AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG AS3675 Datasheet HTML 75Page - ams AG AS3675 Datasheet HTML 76Page - ams AG AS3675 Datasheet HTML 77Page - ams AG AS3675 Datasheet HTML 78Page - ams AG AS3675 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
74 - 80
AS3675
Datasheet - R e g i s t e r M a p
DCDC control1
21h
00h
step_up_vtuning
step_up_fb
step_up
_frequ
DCDC control2
22h
04h
step_up
_fb_auto
curr6_pr
ot_on
curr2_pr
ot_on
curr1_pr
ot_on
Step
up_lowc
ur
step_up
_prot
skip_fast step_up
_res
CP control
23h
00h
cp_auto
_on
cp_start
_deboun
ce
cp_mode_switchin
g
cp_mode
cp_clk
CP mode Switch1 24h
00h
rgb3_on
_cp
rgb2_on
_cp
rgb1_on
_cp
curr33_o
n_cp
curr32_o
n_cp
curr31_o
n_cp
curr30_o
n_cp
CP mode Switch2 25h
00h curr6_on
_cp
curr43_o
n_cp
curr42_o
n_cp
curr41_o
n_cp
curr2_on
_cp
curr1_on
_cp
ADC_control
26h
03h
start_co
nversion adc_on
adc_select
ADC_MSB result
27h
NA
result_n
ot_ready
D9:D3
ADC_LSB result
28h
NA
D2:D0
Overtemp control
29h
01h
shutdwn
_enab
rst_ov_t
emp
ov_temp ov_temp
_on
Curr low voltage
status1
2Ah
NA
curr6_lo
w_v
rgb3_low
_v
rgb2_low
_v
rgb1_low
_v
curr33_l
ow_v
curr32_l
ow_v
curr31_l
ow_v
curr30_l
ow_v
Curr low voltage
status2
2Bh
NA
curr43_l
ow_v
curr42_l
ow_v
curr41_l
ow_v
curr2_lo
w_v
curr1_lo
w_v
gpio current
2Ch
00h
pattern_
slow
pattern_
delay2
curr6 current
2Fh
00h
curr6_current
Adder Current 1
30h
00h
adder_current1
(can be enabled for CURR30, CURR1, RGB1, CURR41)
Adder Current 2
31h
00h
adder_current2
(can be enabled for CURR31, CURR2, RGB2, CURR42)
Adder Current 3
32h
00h
adder_current3
(can be enabled for CURR32, CURR6, RGB3, CURR43)
Adder Enable 1
33h
00h
curr43_a
dder
curr42_a
dder
curr41_a
dder
rgb3_ad
der
rgb2_ad
der
rgb1_ad
der
Adder Enable 2
34h
00h
curr33_a
dder
curr32_a
dder
curr31_a
dder
curr30_a
dder
curr6_ad
der
curr2_ad
der
curr1_ad
der
Subtract Enable
35h
00h
sub_en4 sub_en3 sub_en2 sub_en1
ASIC ID1
3Eh
CBh
1
1
0
0
1
0
1
1
ASIC ID2
3Fh
5Xh
0
1
0
1
revision
Curr30 current
40h
00h
curr30_current
Curr31 current
41h
00h
curr31_current
Curr32 current
42h
00h
curr32_current
Curr33 current
43h
00h
curr33_current
Audio Control
46h
00h
audio_speed
freq_mo
de
audio_color
aud_buf
_on
Table 94. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com