Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 26 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 26 Page - ams AG

Back Button AS3675 Datasheet HTML 22Page - ams AG AS3675 Datasheet HTML 23Page - ams AG AS3675 Datasheet HTML 24Page - ams AG AS3675 Datasheet HTML 25Page - ams AG AS3675 Datasheet HTML 26Page - ams AG AS3675 Datasheet HTML 27Page - ams AG AS3675 Datasheet HTML 28Page - ams AG AS3675 Datasheet HTML 29Page - ams AG AS3675 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
25 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.1 High Voltage Current Sinks CURR1, CURR2, CURR6
The high voltage current sinks have a resolution of 8 bits. Additionally an internal protection circuit monitors with a volt-
age divider (max 3µA @ 15V) the voltage on CURR1, CURR2 and CURR6 and increases the current in off state in
case of over voltage.
High Voltage Current Sinks CURR1, CURR2, CURR6 Registers
Table 22. HV Current Sinks Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IBIT7
Current sink if Bit7 = 1
For V(CURRx) > 0.45V
19.2
mA
IBIT6
Current sink if Bit6 = 1
9.6
IBIT5
Current sink if Bit5 = 1
4.8
IBIT4
Current sink if Bit4 = 1
2.4
IBIT3
Current sink if Bit3 = 1
1.2
IBIT2
Current sink if Bit2 = 1
0.6
IBIT1
Current sink if Bit1 = 1
0.3
IBIT0
Current sink if Bit0 = 1
0.15
Δm
matching Accuracy
CURR1,CURR2,CURR6
-10
+10
%
Δ
absolute Accuracy
-15
+15
%
VCURR1,2,6x
Voltage compliance
0.45
15
V
Ov_prot_13V
Over voltage
Protection of current
sink CURR1,2,6
At 13V, independent of curr1_prot_on,
curr2_prot_on or curr6_prot_on
3.0
µA
Ov_prot_15V
Over voltage
Protection of current
sink CURR1,2,6
At 15V, step_up_on=1,
curr1_prot_on=1 for CURR1,
curr2_prot_on=1 for CURR2,
curr6_prot_on=1 for CURR6
0.8
4.0
mA
Table 23. Curr1 current
Register
Addr: 09h
Curr1 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr1_current
0R/W
Defines current into current sink curr1
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com