Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 37 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 37 Page - ams AG

Back Button AS3675 Datasheet HTML 33Page - ams AG AS3675 Datasheet HTML 34Page - ams AG AS3675 Datasheet HTML 35Page - ams AG AS3675 Datasheet HTML 36Page - ams AG AS3675 Datasheet HTML 37Page - ams AG AS3675 Datasheet HTML 38Page - ams AG AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG AS3675 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
36 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.5
LED Pattern Generator
The LED pattern generator is capable of producing a pattern with 32 bits length and 1 second duration (31.25ms for
each bit). The pattern itself can be started every second, every 2
nd, 3rd up to 7th second1.
With this pattern all current sinks can be controlled. The pattern itself switches the configured current sources between
0 and their programmed current.
If everything else is switched off, the current consumption in this mode is IACTIVE. (excluding current through switched
on current source) and the charge pump, if required. The charge pump can be automatically switched on/off depending
on the pattern (set register cp_auto_on on page 20=1) to reduce the overall current consumption.
Figure 16. LED Pattern Generator AS3675 for pattern_color = 0
To select the different current sinks to be controlled by the LED pattern generator, see the ‘xxxx’_mode registers
(where ‘xxxx’ stands for the to be controlled current sink, e.g. curr1_mode for CURR1 current sink). See also the
description of the different current sinks.
To allow the generator of a color patterns set the bit pattern_color to ‘1’. Then the pattern can be connected to CURRx
as follows:
Figure 17. LED Pattern Generator AS3675 for pattern_color = 1
Table 50. Curr43 current
Register
Addr: 15h
Curr43 current
This register controls the curr43 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr43_current
0R/W
Defines current into Current sink CURR43
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
1. All times can be extended by a factor of 8 by setting pattern_slow=1 (this result in a delay of up to 56s)
     

 
  
 
        
! " #  
 
$   ! ! 
" #
"
%
 & " 
 

' "
%()*






  !" #




$
% 

$
% 


&'()(*+,'
*-*. '

/*')         % 
.( ,'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com