Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 68 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 68 Page - ams AG

Back Button AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
67 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 33. Zero Power Device Wakeup block diagram
8.9.1
Reset control register
8.10 Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3675. This sensor generates a flag
if the device temperature reaches the overtemperature threshold of 140º. The threshold has a hysteresis to prevent
oscillation effects.
Table 88. Audio input Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VPOR_VBAT
Overall Power-On
Reset
Monitor voltage on V2_5; power-on reset for
all internal functions.
1.8
2.15
2.4
1
1. Guaranteed by design - min./max. limits not production tested
V
VPOR_PERI
Reset Level for pins
CLK, DATA
Monitor voltage on pins CLK, DATA
0.29
1.0
1.38
V
tPOR_DEB
Reset debounce time
for pins CLK, DATA
80
100
120
ms
tstart
Interface Startup Time
4
6
8
ms
Table 89. Overtemp control
Register
Addr: 29h
Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description
4
shutdwn_enab
0R/W
Enable Shutdown mode and serial interface reset.
0
Serial Interface reset disabled. Device does not
enter Shutdown mode
1
Serial Interface reset enabled, device enters
shutdown when SCL and SDA remain low for
min. 120ms



 
 
 


!"
 # $  %&
'
()% * * ( +
* +%
,
,(,(
&" 
(
* -' .
/
-'
/
( ()% *"
/
-'
-'
/
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com