Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 17 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 17 Page - ams AG

Back Button AS3675 Datasheet HTML 13Page - ams AG AS3675 Datasheet HTML 14Page - ams AG AS3675 Datasheet HTML 15Page - ams AG AS3675 Datasheet HTML 16Page - ams AG AS3675 Datasheet HTML 17Page - ams AG AS3675 Datasheet HTML 18Page - ams AG AS3675 Datasheet HTML 19Page - ams AG AS3675 Datasheet HTML 20Page - ams AG AS3675 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
16 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.3
Charge Pump
The Charge Pump uses two external flying capacitors C3, C4 to generate output voltages higher than the battery volt-
age. There are three different operating modes of the charge pump itself:
1:1 Bypass Mode
- Battery input and output are connected by a low-impedance switch
- battery current = output current.
1:1.5 Mode
- The output voltage is up to 1.5 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 1.5 times output current.
1:2 Mode
- The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 2 times output current
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:1.5 mode and eventually in
1:2 mode in order to provide enough supply for the current sinks. Depending on the actual current the mode with best
overall efficiency can be automatically or manually selected:
Examples:
Battery voltage = 3.7V, LED dropout voltage = 3.5V. The 1:1 mode will be selected and there is 200mV drop on the
current sink and on the Charge Pump switch. Efficiency 95%.
Battery voltage = 3.5V, LED dropout voltage = 3.5V. The 1:1.5 mode will be selected and there is 1.5V drop on the
current sink and 250mV on the Charge Pump. Efficiency 66%.
Battery voltage = 3.8V, LED dropout voltage = 4.5V (Camera Flash). The 1:2 mode can be selected and there is
600mV drop on the current sink and 2.5V on the Charge Pump. Efficiency 60%.
The efficiency is dependent on the LED forward voltage given by:
Eff=(V_LED*Iout)/(Uin*Iin)
(EQ 4)
The charge pump mode switching can be done manually or automatically with the following possible software settings:
Automatic up all modes allowed (1:1, 1:1.5, 1:2)
- Start with 1:1 mode
- Switch up automatically 1:1 to 1:1.5 to 1:2
Automatic up, but only 1:1 and 1:1.5 allowed
- Start with 1:1 mode
- Switch up automatically only from 1:1 to 1:1.5 mode; 1:2 mode is not used
Manual
- Set modes 1:1, 1:1.5, 1:2 by software
3
Step up_lowcur
1R/W
Step Up DC/DC Converter coil current limit
0
Normal current limit
1
Current limit reduced by approx. 33%
7
step_up_fb_auto
0R/W
0
step_up_fb select the feedback of the DCDC
converter
1
The feedback is automatically chosen within the
current sinks CURR1, CURR2 and CURR6
(never DCDC_FB). Only those are used for this
selection, which are enabled (currX_mode must
not be 00) and not connected to the charge
pump (currX_on_cp must be 0).
Table 12. DCDC control2
Register
Addr: 22h
DCDC control2
This register controls the Step Up DC/DC Converter and low-voltage current
sinks CURR3x.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com