Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 16 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 16 Page - ams AG

Back Button AS3675 Datasheet HTML 12Page - ams AG AS3675 Datasheet HTML 13Page - ams AG AS3675 Datasheet HTML 14Page - ams AG AS3675 Datasheet HTML 15Page - ams AG AS3675 Datasheet HTML 16Page - ams AG AS3675 Datasheet HTML 17Page - ams AG AS3675 Datasheet HTML 18Page - ams AG AS3675 Datasheet HTML 19Page - ams AG AS3675 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
15 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 11. DCDC control1
Register
Addr: 21h
DCDC control1
This register controls the Step Up DC/DC Converter.
Bit
Bit Name
Default Access
Description
0
step_up_frequ
0
R/W
Defines the clock frequency of the Step Up DC/DC
Converter.
01MHz
1
500kHz
2:1
step_up_fb
00
R/W
Controls the feedback source if step_up_fb_auto = 0
00
DCDC_FB enabled (external resistor divider).
Set step_up_fb=00 (DCDC_FB)
01
CURR1 feedback enabled (feedback via LEDs)
10
CURR2 feedback enabled (feedback via LEDs)
11
CURR6 feedback enabled (feedback via LEDs)
7:3
step_up_vtuning
00000
R/W
Defines the tuning current at pin DCDC_FB.
00000
0 µA
00001
1 µA
00010
2 µA
....
10000
15 µA
.....
11111
31 µA
Table 12. DCDC control2
Register
Addr: 22h
DCDC control2
This register controls the Step Up DC/DC Converter and low-voltage current
sinks CURR3x.
Bit
Bit Name
Default Access
Description
0
step_up_res
0R/W
Gain selection for Step Up DC/DC Converter
0
Select 0 if Step Up DC/DC Converter is used
with current feedback (CURR1, CURR2,
CURR6) or if DCDC_FB is used with current
feedback only – R2, C7, C8 connected, R3 not
used
1
Select 1 if DCDC_FB is used with external
resistor divider using 2 resistors: R2 and R3
1
skip_fast
0R/W
Step Up DC/DC Converter output voltage at low loads,
when pulse skipping is active
0
Accurate output voltage, more ripple
1
Elevated output voltage, less ripple
2
step_up_prot
1R/W
Step Up DC/DC Converter protection
0
No over voltage protection
1
Over voltage protection on pin DCDC_FB
enabled voltage limitation =1.25V on DCDC_FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com