Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 61 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 61 Page - ams AG

Back Button AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
60 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.8.2
Frequency Mode
This mode is selected by freq_mode=1.
The input signal is frequency filtered by three digital filters. The filters are 2nd order biquad IIR (infinite impulse
response filters). Each of these filters has the following structure (sampling frequency = 45.4kHz / internal clock of
1MHz divided by 22):
Figure 29. Audio controlled LED frequency filter
The mathematical formula for these filters is:
y(n) = A0(x(n) + b1 x(n-1) + b2 x(n-2)) – a1 y(n-1) – a2 y(n-2)
(EQ 6)
The internal calculation is preformed using 12bits coefficients (state variables (z
-1) are rounded to 12bit, the output
uses 8bits). All coefficients can be set individually for each of the three filters (filter1, filter2, filter3). (see Audio Con-
trolled LED Registers on page 62), registers filt_type (70h) and registers 71h to 82h. It is recommended to use austri-
amicrosystems ‘Demoboard Software’ for simple control of the filter cutoff frequencies and filter type.
Note: Do not set filter cutoff frequencies below 500Hz.
8.8.3 AGC
The AGC (available in amplitude and frequency mode) is used to ‘compress’ the input signal and to attenuate very low
input amplitude signals (this is performed to ensure no light output for low signals especially for noisy input signals).
The AGC monitors the input signal amplitude and filters this amplitude with a filter with a short attack time, but a long
decay time (decay time depends on the register agc_ctrl). This amplitude measurement (represented by an integer
value from 0 to 15) is then used to amplify or attenuate the input signal with one of the following amplification ratios
(output to input ratio) – the curve A, B, or C is selected depending on the register agc_ctrl:
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com