Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 58 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 58 Page - ams AG

Back Button AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG AS3675 Datasheet HTML 56Page - ams AG AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
57 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 26. ADC Circuit
8.8
Audio controlled LEDs
Up to four RGB LEDs and/or up to 13 LEDs (number of LEDs is fully configurable) can be controlled by an audio
source (connected to the pin AUDIO_IN). The audio controlled LED block can operate in two modes:
Amplitude Mode: The color of the RGB LED(s) or the brightness of the single color LED(s) is depending on the input
amplitude. For the RGB LEDs it starts from black transitions to blue, green, cyan, yellow, red and for high amplitudes
white is used (internal lookup table if audio_color=000b).
Frequency Mode: Three internal fully configurable filters define the brightness of the single color LED(s) or the color of
the RGB LED(s). Each of the filters can be configured individually in amplitude, frequency response and type (lowpass
filter, bandpass filter, highpass filter).


  



!"


# $%
$%

&

&&
'

&

&
(
)
))
 
 )  
*+,
-(./
-&
-
-

0&

0

0
1 2-(.
./.1
  )  34
55 "
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com