Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 56 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 56 Page - ams AG

Back Button AS3675 Datasheet HTML 52Page - ams AG AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG AS3675 Datasheet HTML 56Page - ams AG AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
55 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
ADC Registers
Table 78. ADC_MSB result
Register
Addr: 27h
ADC_MSB result
Together with Register 27h, this register contains the results (MSB) of an ADC
cycle.
Bit
Bit Name
Default Access
Description
6:0
D9:D3
N/A
R
ADC results register.
7
result_not_ready
N/A
R
Indicates end of ADC conversion cycle
0
Result is ready
1
Conversion is running
Table 79. ADC_LSB result
Register
Addr: 28h
ADC_LSB result
Together with Register 28h, this register contains the results (LSB) of an ADC
cycle
Bit
Bit Name
Default Access
Description
2:0
D2:D0
N/A
R
ADC result register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com