Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 76 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 76 Page - ams AG

Back Button AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG AS3675 Datasheet HTML 75Page - ams AG AS3675 Datasheet HTML 76Page - ams AG AS3675 Datasheet HTML 77Page - ams AG AS3675 Datasheet HTML 78Page - ams AG AS3675 Datasheet HTML 79Page - ams AG AS3675 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
75 - 80
AS3675
Datasheet - R e g i s t e r M a p
Note: If writing to register, write 0 to unused bits
Write to read only bits will be ignored
yellow color = read only
Audio input
47h
00h
audio_di
s_start
audio_m
an_start
agc_ctrl
audio_gain
Audio output
48h
00h
curr4x_a
ud_on
rgbx_au
d_on
curr126_
aud_on
aud_amplitude
GPIO output 2
50h
00h
gpi_curr
43_en
gpi_curr
42_en
gpi_curr
41_en
gpi_rgb3
_en
gpi_rgb2
_en
gpi_rgb1
_en
gpi_en
gpio_out
GPIO signal 2
51h
00h
gpi_curr
43_in
gpi_curr
42_in
gpi_curr
41_in
gpi_rgb3
_in
gpi_rgb2
_in
gpi_rgb1
_in
gpi_ in
gpio _in
Adder Current 4
52h
00h
adder_current4
(can be enabled for CURR33)
CURR3x audio
source
53h
00h curr33_aud_src[1:0
]
curr32_aud_src[1:0
]
curr31_aud_src[1:0
]
curr30_aud_src[1:0
]
Pattern End
54h
00h
pattern_
end
filt_type
70h
00h
filt3_type[1:0]
filt2_type[1:0]
filt1_type[1:0]
filt1_A0_MSB
71h
00h
filt1_A0[11:8]
filt1_A0_LSB
72h
00h
filt1_A0[7:0]
filt1_a1_MSB
73h
00h
filt1_a1[11:8]
filt1_a1_LSB
74h
00h
filt1_a1[7:0]
filt1_a2_MSB
75h
00h
filt1_a2[11:8]
filt1_a2_LSB
76h
00h
filt1_a2 [7:0]
filt2_A0_MSB
77h
00h
filt2_A0[11:8]
filt2_A0_LSB
78h
00h
filt2_A0[7:0]
filt2_a1_MSB
79h
00h
filt2_a1[11:8]
filt2_a1_LSB
7ah
00h
filt2_a1[7:0]
filt2_a2_MSB
7bh
00h
filt2_a2[11:8]
filt2_a2_LSB
7ch
00h
filt2_a2 [7:0]
filt3_A0_MSB
7dh
00h
filt3_A0[11:8]
filt3_A0_LSB
7eh
00h
filt3_A0[7:0]
filt3_a1_MSB
7fh
00h
filt3_a1[11:8]
filt3_a1_LSB
80h
00h
filt3_a1[7:0]
filt3_a2_MSB
81h
00h
filt3_a2[11:8]
filt3_a2_LSB
82h
00h
filt3_a2[7:0]
Table 94. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com