Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 77 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 77 Page - ams AG

Back Button AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG AS3675 Datasheet HTML 75Page - ams AG AS3675 Datasheet HTML 76Page - ams AG AS3675 Datasheet HTML 77Page - ams AG AS3675 Datasheet HTML 78Page - ams AG AS3675 Datasheet HTML 79Page - ams AG AS3675 Datasheet HTML 80Page - ams AG AS3675 Datasheet HTML 81Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
76 - 80
AS3675
Datasheet - E x t e r n a l C o m p o n e n ts
10 External Components
Table 95. External Components List
Part Number
Min
Value
Typ
Max
tol.
(min.)
Rating
(max)
Notes
Package
(min.)
C1
1µF
±20%
6.3V
Ceramic, X5R (V2_5 output)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C2
1µF
±20%
6.3V
Ceramic, X5R (VBAT) (e.g.
Taiyo Yuden JMK105BJ105KV-
F)
0402
C3
1µF
±20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C4
1µF
±20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C5
2.2µF
±20%
6.3V
Ceramic, X5R (Charge Pump
Output) (e.g. Taiyo Yuden
JMK107BJ225MA-T)
0403
C6
1µF
±20%
6.3V
Ceramic, X5R (Step Up DCDC
input) (e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C7
1.5nF
±20%
25V
Ceramic, X5R (Step Up DCDC
Feedback, 150pF for over
voltage protection)
0402
C8
15nF
±20%
6.3V
Ceramic, X5R (Step Up DCDC
Feedback, 1.5nF for over
voltage protection)
0402
C9
4.7µF
±20%
25V
Ceramic, X5R, X7R (Step Up
DCDC output)
(e.g. Taiyo Yuden
TMK316BJ475KG)
3.2x1.6x
1.25mm
C10
2.2µF
±20%
6.3V
Ceramic, X5R (Vana1 output)
(e.g. Taiyo Yuden
JMK107BJ225MA-T)
only required if LDO is used
0403
R1
100m
Ω
±5%
Shunt Resistor
0603
R2
1M
Ω
±1%
Step Up DC/DC Converter
Voltage Feedback
0201
R3
100k
Ω
±1%
Step Up DC/DC Converter
Voltage Feedback - not
required for over voltage
protection
0201
R4
1-10k
Ω
±1%
DATA Pullup resistor – usually
already inside master
0201
R5
CLKPullup resistor – usually
already inside master
0201
L1
10µH
±20%
Recommended Type:
Murata LQH3NPN100NJ0,
Panasonic ELLSFG100MA
or TDK VLF3012A
3x3x1.2m
m
Q1 (+ D1)
FDFMA3N109
Integrated NMOS and Schottky
diode
MicroFET
2x2mm
D2:D14
LED
As required by application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com