Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 27 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 27 Page - ams AG

Back Button AS3675 Datasheet HTML 23Page - ams AG AS3675 Datasheet HTML 24Page - ams AG AS3675 Datasheet HTML 25Page - ams AG AS3675 Datasheet HTML 26Page - ams AG AS3675 Datasheet HTML 27Page - ams AG AS3675 Datasheet HTML 28Page - ams AG AS3675 Datasheet HTML 29Page - ams AG AS3675 Datasheet HTML 30Page - ams AG AS3675 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
26 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 24. Curr2 current
Register
Addr: 0Ah
Curr2 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr2_current
0R/W
Defines current into current sink curr2
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 25. curr6 current
Register
Addr: 2Fh
curr6 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr6_current
0R/W
Defines current into current sink CURR6
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 26. curr12 control
Register
Addr: 01h
curr12 control
This register select the mode of the current sinks controls High voltage current
sink current.
Bit
Bit Name
Default Access
Description
1:0
curr1_mode
0R/W
Select the mode of the current sink curr1
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled
3:2
curr2_mode
0R/W
Select the mode of the current sink curr2
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com