Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 63 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 63 Page - ams AG

Back Button AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
62 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.8.4
Audio Controlled LED Registers
Table 82. Audio Control
Register
Addr: 46h
Audio Control
Audio Sync Mode control
Bit
Bit Name
Default Access
Description
0
aud_buf_on
0b
R/W
Audio input buffer enable
0
off; for audio direct input to ADC use
adc_select = 00h (AUDIO_IN)
1
on; set adc_select = 03h (buffer output)
4:2
audio_color
000b
R/W
audio controlled LED color selection (amplitude mode)
000
color scheme defined by lookup table
001-111
single color scheme (b2=R, b1=G, b0=B)
5
freq_mode
0b
R/W
audio controlled LED mode selection
0
amplitude mode
1
frequency mode
7:6
audio_speed
00b
R/W
Audio controlled LED persistence time
00
none
01
200ms
10
400ms
11
800ms
Table 83. Audio input
Register
Addr: 47h
Audio input
Audio Sync input control
Bit
Bit Name
Default Access
Description
2:0
audio_gain
000b
R/W
Audio input buffer gain control
000
-12dB
001
-6dB
010
0dB
011
+6dB
100
+12dB
101
+18dB
110
+24dB
111
+30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com