Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 48 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 48 Page - ams AG

Back Button AS3675 Datasheet HTML 44Page - ams AG AS3675 Datasheet HTML 45Page - ams AG AS3675 Datasheet HTML 46Page - ams AG AS3675 Datasheet HTML 47Page - ams AG AS3675 Datasheet HTML 48Page - ams AG AS3675 Datasheet HTML 49Page - ams AG AS3675 Datasheet HTML 50Page - ams AG AS3675 Datasheet HTML 51Page - ams AG AS3675 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
47 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.5
General Purpose Input / Output
The GPIO is a highly-configurable general purpose input/output pin which can be used for the following functionality:
Digital Schmitt Trigger Input
Digital Output with 4mA Driving Capability at 2.8V Supply (VANA)
Tristate Output
Analog Input to the ADC
Default Mode for GPIO and VANA/GPI is Input (Pull-Down)
Figure 24. GPIO and VANA/GPI Blockdiagram
8.5.1 Unused GPIO Pin
If the pin GPIO is not used, they can be left open (an internal pulldown, which is enabled by default, will pull them to
GND).
3
sub_en4
0R/W
Inverts the signal from the pwm generator
0
Direct Operation (no inversion)
1
The signal from the pwm generator for which
the adder is enabled (curr33_adder = 1)
is inverted
Table 66. GPIO Pin Function Summary
GPIO Pin
Configuration
Additional Function
GPIO
Digital Input, Totem-Pole Output (Push/Pull),
Open Drain (PMOS or NMOS), High-Z, Pull-
Down or Pull-Up Resistor
ADC Input
VANA/GPI
Digital Input
ADC Input, LDO output
Table 65. Subtract Enable
Register (Continued)
Addr: 35h
Subtract Enable
Enable the inversion from the signal from the pwm generator
Bit
Bit Name
Default Access
Description



!"
# $
% %&'
!
()*

++*,
+*
-
 #
+.-/-+0 
.-/
.-/-+0

 #
.-/
.-/

.-/-+
.-/0
*.-/1*0$ 
*.-/-+0 
.-/0$
*.-/1*0$  $
*.-/-+0 
12
%/
3
.-/4/
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com