Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 50 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 50 Page - ams AG

Back Button AS3675 Datasheet HTML 46Page - ams AG AS3675 Datasheet HTML 47Page - ams AG AS3675 Datasheet HTML 48Page - ams AG AS3675 Datasheet HTML 49Page - ams AG AS3675 Datasheet HTML 50Page - ams AG AS3675 Datasheet HTML 51Page - ams AG AS3675 Datasheet HTML 52Page - ams AG AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
49 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
5
gpi_curr31_en
0R/W
Enables the CURR31 input
0
input disabled
1
input enabled
6
gpi_curr32_en
0R/W
Enables the CURR32 input
0
input disabled
1
input enabled
7
gpi_curr33_en
0R/W
Enables the CURR33 input
0
input disabled
1
input enabled
Table 69. GPIO signal 1
Register
Addr: 06h
GPIO signal 1
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description
0
gpi_curr1_in
N/A
R
Reads a logic signal from pin CURR1; if gpi_curr1_en=1
1
gpi_curr2_in
N/A
R
Reads a logic signal from pin CURR2; if gpi_curr2_en=1
2
gpi_curr6_in
N/A
R
Reads a logic signal from pin CURR6; if gpi_curr6_en=1
3
N/A
not used
4
gpi_curr30_in
N/A
R
Reads a logic signal from pin CURR30; if gpi_curr30_en=1
5
gpi_curr31_in
N/A
R
Reads a logic signal from pin CURR31; if gpi_curr31_en=1
6
gpi_curr32_in
N/A
R
Reads a logic signal from pin CURR32; if gpi_curr32_en=1
7
gpi_curr33_in
N/A
R
Reads a logic signal from pin CURR33; if gpi_curr33_en=1
Table 70. GPIO output 2
Register
Addr: 50h
GPIO output 2
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description
0
gpio_out
0R/W
Writes a logic signal to pin GPIO; this is independent of any
other bit setting e.g., gpio_mode Table 72.
1
gpi_en
0R/W
Enables the VANA/GPI input
0
input disabled
1
input enabled
2
gpi_rgb1_en
0R/W
Enables the RGB1 input
0
input disabled
1
input enabled
3
gpi_rgb2_en
0R/W
Enables the RGB2 input
0
input disabled
1
input enabled
Table 68. GPIO output 1
Register (Continued)
Addr: 05h
GPIO output 1
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com