Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 51 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 51 Page - ams AG

Back Button AS3675 Datasheet HTML 47Page - ams AG AS3675 Datasheet HTML 48Page - ams AG AS3675 Datasheet HTML 49Page - ams AG AS3675 Datasheet HTML 50Page - ams AG AS3675 Datasheet HTML 51Page - ams AG AS3675 Datasheet HTML 52Page - ams AG AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
50 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
4
gpi_rgb3_en
0R/W
Enables the RGB3 input
0
input disabled
1
input enabled
5
gpi_curr41_en
0R/W
Enables the CURR41 input
0
input disabled
1
input enabled
6
gpi_curr42_en
0R/W
Enables the CURR42 input
0
input disabled
1
input enabled
7
gpi_curr43_en
0R/W
Enables the CURR43 input
0
input disabled
1
input enabled
Table 71. GPIO signal 2
Register
Addr: 51h
GPIO signal 2
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description
0
gpio _in
N/A
R
Reads a logic signal from pin GPIO; this is independent of
any other setting e.g.,Table 72 except gpio_pulls=11
1
gpi_ in
N/A
R
Reads a logic signal from pin VANA/GPI; if gpi_en=1
2
gpi_rgb1_in
N/A
R
Reads a logic signal from pin RGB1; if gpi_rgb1_en=1
3
gpi_rgb2_in
N/A
R
Reads a logic signal from pin RGB2; if gpi_rgb2_en=1
4
gpi_rgb3_in
N/A
R
Reads a logic signal from pin RGB3; if gpi_rgb3_en=1
5
gpi_curr41_in
N/A
R
Reads a logic signal from pin CURR41; if gpi_curr41_en=1
6
gpi_curr42_in
N/A
R
Reads a logic signal from pin CURR42; if gpi_curr42_en=1
7
gpi_curr43_in
N/A
R
Reads a logic signal from pin CURR43; if gpi_curr43_en=1
Table 72. GPIO control
Register
Addr: 1Eh
GPIO control
This register controls GPIO and GPIO1 pin functions.
Bit
Bit Name
Default Access
Description
1:0
gpio_mode
00
R/W
Defines the direction for pin GPIO
00
Input only
01
Output (push and pull)
10
Output (open drain, only push; only NMOS is
active)
11
Output (open drain, only pull; only PMOS is
active)
Table 70. GPIO output 2
Register (Continued)
Addr: 50h
GPIO output 2
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com