Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 67 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 67 Page - ams AG

Back Button AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
66 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
- Bit 0 is multiplied by 2^-10
8.9
Power-On Reset
The internal reset is controlled by two sources:
VBAT Supply
Serial interface state (CLK, DATA)
The internal reset is forced if VBAT is low or if both interface pins (CLK, DATA) are low for more than tPOR_DEB (typ.
100ms)
2. Then device enters shutdown mode.
The reset levels control the state of all registers. As long as VBAT and CLK/DATA are below their reset thresholds, the
register contents are set to default. Access by serial interface is possible once the reset thresholds are exceeded.
Table 87. Filter Definitions
Register
Register
Definition
Addr
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
filt1_A0_MSB
71h
00h
filt1_A0[11:8]
filt1_A0_LSB
72h
00h
filt1_A0[7:0]
filt1_a1_MSB
73h
00h
filt1_a1[11:8]
filt1_a1_LSB
74h
00h
filt1_a1[7:0]
filt1_a2_MSB
75h
00h
filt1_a2[11:8]
filt1_a2_LSB
76h
00h
filt1_a2 [7:0]
filt2_A0_MSB
77h
00h
filt2_A0[11:8]
filt2_A0_LSB
78h
00h
filt2_A0[7:0]
filt2_a1_MSB
79h
00h
filt2_a1[11:8]
filt2_a1_LSB
7ah
00h
filt2_a1[7:0]
filt2_a2_MSB
7bh
00h
filt2_a2[11:8]
filt2_a2_LSB
7ch
00h
filt2_a2 [7:0]
filt3_A0_MSB
7dh
00h
filt3_A0[11:8]
filt3_A0_LSB
7eh
00h
filt3_A0[7:0]
filt3_a1_MSB
7fh
00h
filt3_a1[11:8]
filt3_a1_LSB
80h
00h
filt3_a1[7:0]
filt3_a2_MSB
81h
00h
filt3_a2[11:8]
filt3_a2_LSB
82h
00h
filt3_a2[7:0]
2. Only if shutdwn_enab=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com