Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 36 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 36 Page - ams AG

Back Button AS3675 Datasheet HTML 32Page - ams AG AS3675 Datasheet HTML 33Page - ams AG AS3675 Datasheet HTML 34Page - ams AG AS3675 Datasheet HTML 35Page - ams AG AS3675 Datasheet HTML 36Page - ams AG AS3675 Datasheet HTML 37Page - ams AG AS3675 Datasheet HTML 38Page - ams AG AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
35 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
3:2
curr42_mode
0R/W
Select the mode of the current sink CURR42
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled
5:4
curr43_mode
0R/W
Select the mode of the current sink CURR43
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled
Table 48. Curr41 current
Register
Addr: 13h
Curr41 current
This register controls the curr41 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr41_current
0R/W
Defines current into Current sink CURR41
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 49. Curr42 current
Register
Addr: 14h
Curr42 current
This register controls the curr42 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr42_current
0R/W
Defines current into Current sink CURR42
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 47. curr4 control
Register (Continued)
Addr: 04h
curr4 control
This register selects the mode of the current sinks CURR41, CURR42,
CURR43
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com