Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 70 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 70 Page - ams AG

Back Button AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
69 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
The clock line CLK is never held low by the AS3675 (as the AS3675 does not use clock stretching of the bus).
The AS3675 is compatible to the NXP two wire specification http://www.nxp.com/acrobat_download/literature/9398/
39340011.pdf, Version 2.1, January 2000 for standard and fast mode (no high speed mode) with the following excep-
tion:
Data set-up time for fast mode: tSU;DAT=250ns (instead of 100ns from table 5, p32)
8.11.1 Serial Interface Features
Fast Mode Capability (Maximum Clock Frequency is 400 kHz)
7-bit Addressing Mode
Write Formats
- Single-Byte Write
- Page-Write
Read Formats
- Current-Address Read
- Random-Read
- Sequential-Read
DATA Input Delay and CLK spike filtering by integrated RC components
8.11.2 Device Address Selection
The serial interface address of the AS3675 has the following address:
80h – Write Commands
81h – Read Commands
Figure 35. Complete Serial Data Transfer
Serial Data Transfer Formats
Table 92. Serial Interface Timing
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIHI/F
High Level Input
Voltage
Pins DATA and CLK
1.38
VBAT
V
VILI/F
Low Level Input
Voltage
0.0
0.52
V
VHYSTI/F
Hysteresis
0.1
V
tRISE
Rise Time
0
1000
ns
tFALL
Fall Time
0
300
ns
tCLK_FILTER
Spike Filter on CLK
100
ns
tDATA_FILTER
Spike Filter on DATA
300
ns
S
Start
Condition
Address R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
DATA
CLK
1-7
8
9
1-7
89
1-7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com