Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 38 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 38 Page - ams AG

Back Button AS3675 Datasheet HTML 34Page - ams AG AS3675 Datasheet HTML 35Page - ams AG AS3675 Datasheet HTML 36Page - ams AG AS3675 Datasheet HTML 37Page - ams AG AS3675 Datasheet HTML 38Page - ams AG AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG AS3675 Datasheet HTML 41Page - ams AG AS3675 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
37 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Only those current sinks will be controlled, where the ‘xxxx’_mode register is configured for LED pattern.
If the register bit pattern_slow is set, all pattern times are increased by a factor of eight. (bit duration: 250ms if
pattern_color=0 / 800ms if pattern_color=1, delays between pattern up to 56s).
Soft Dimming for Pattern
The internal pattern generator can be combined with the internal pwm dimming modulator to obtain as shown in the fol-
lowing figure:
Figure 18. Soft dimming Architecture for the AS3675 (softdim_pattern=1 and pattern_color = 1)
With the AS3675 smooth fade-in and fade-out effects can be automatically generated.
As there is only one dimming ramp generator and one pwm modulator following constraints have to be considered
when setting up the pattern (applies only if pattern_color=1):
Figure 19. Soft dimming example Waveform for CURR30-32
However using the identical dimming waveform for two channels is possible as shown in the following figure:
 
 


 




















 !" #
$ "$ #$
% $& "  #


   '  (()(

   *
 +,  -./ 

    
  
      
  
  
    
  
         

  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com