Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 43 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 43 Page - ams AG

Back Button AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG AS3675 Datasheet HTML 41Page - ams AG AS3675 Datasheet HTML 42Page - ams AG AS3675 Datasheet HTML 43Page - ams AG AS3675 Datasheet HTML 44Page - ams AG AS3675 Datasheet HTML 45Page - ams AG AS3675 Datasheet HTML 46Page - ams AG AS3675 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
42 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
12
4,7
12
24,3
62
0,55s
0,28s
0,055s
0,028s
13
3,5
9
21,6
55
0,60s
0,30s
0,060s
0,030s
14
2,7
7
19,2
49
0,65s
0,33s
0,065s
0,033s
15
2,4
6
16,9
43
0,70s
0,35s
0,070s
0,035s
16
2,0
5
14,9
38
0,75s
0,38s
0,075s
0,038s
17
1,6
4
13,3
34
0,80s
0,40s
0,080s
0,040s
18
1,2
3
11,8
30
0,85s
0,43s
0,085s
0,043s
19
0,8
2
10,6
27
0,90s
0,45s
0,090s
0,045s
20
0,4
1
9,4
24
0,95s
0,48s
0,095s
0,048s
21
0,0
0
8,2
21
1,00s
0,50s
0,100s
0,050s
22
7,5
19
1,05s
0,53s
0,105s
0,053s
23
6,7
17
1,10s
0,55s
0,110s
0,055s
24
5,9
15
1,15s
0,58s
0,115s
0,058s
25
5,5
14
1,20s
0,60s
0,120s
0,060s
26
5,1
13
1,25s
0,63s
0,125s
0,063s
27
4,7
12
1,30s
0,65s
0,130s
0,065s
28
4,3
11
1,35s
0,68s
0,135s
0,068s
29
3,9
10
1,40s
0,70s
0,140s
0,070s
30
3,5
9
1,45s
0,73s
0,145s
0,073s
31
3,1
8
1,50s
0,75s
0,150s
0,075s
32
2,7
7
1,55s
0,78s
0,155s
0,078s
33
2,4
6
1,60s
0,80s
0,160s
0,080s
34
2,0
5
1,65s
0,83s
0,165s
0,083s
35
1,6
4
1,70s
0,85s
0,170s
0,085s
36
1,2
3
1,75s
0,88s
0,175s
0,088s
37
0,8
2
1,80s
0,90s
0,180s
0,090s
38
0,4
1
1,85s
0,93s
0,185s
0,093s
39
0,0
0
1,90s
0,95s
0,190s
0,095s
Table 56. PWM Dimming Table
Decrease by 1/4th
every step
Decrease by 1/8th
every step
Seconds
Seconds
Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2.5msec/
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com