Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 72 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 72 Page - ams AG

Back Button AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG AS3675 Datasheet HTML 75Page - ams AG AS3675 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
71 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Random Read and Sequential Read are combined formats. The repeated START condition is used to change the
direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The START
condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st CLKpulse after the ACKNOWL-
EDGE bit of the word address transfer. After the reception of the device-read address, the slave becomes the transmit-
ter. In this state the slave transmits register data located by the previous received word address vector. The master
responds to the data byte with a NOT ACKNOWLEDGE, and issues a STOP condition on the bus.
Figure 39. Serial Interface Sequential Read
Sequential Read is the extended form of Random Read, as multiple register-data bytes are subsequently transferred.
In contrast to the Random Read, in a sequential read the transferred register-data bytes are responded by an acknowl-
edge from the master. The number of data bytes transferred in one sequence is unlimited (consider the behavior of the
word-address counter). To terminate the transmission the master has to send a NOT ACKNOWLEDGE following the
last data byte and subsequently generate the STOP condition.
Figure 40. Serial Interface Current Address Read
To keep the access time as small as possible, this format allows a read access without the word address transfer in
advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device-Read
address.
Analogous to Random Read, a single byte transfer is terminated with a NOT ACKNOWLEDGE after the 1st register
byte. Analogous to Sequential Read an unlimited number of data bytes can be transferred, where the data bytes must
be responded to with an ACKNOWLEDGE from the master.
For termination of the transmission the master sends a NOT ACKNOWLEDGE following the last data byte and a sub-
sequent STOP condition.
8.12 Operating Modes
If the voltage on CLK and DATA is less than 1V (for > tPOR_DEB), the AS3675 is in shutdown mode and its current con-
sumption is minimized (IBAT = ISHUTDOWN) and all internal registers are reset to their default values.
If the voltage at CLK or DATA rises above 1V, the AS3675 serial interface is enabled and the AS3675 and the standby
mode is selected. The AS3675 is switched automatically from standby mode (IBAT = ISTANBY) into normal mode (IBAT =
IACTIVE) and back, if one of the following blocks are activated:
Charge pump
Step up regulator
Any current sink
ADC conversion started
PWM active
Pattern mode active.
If any of these blocks are already switched on the internal oscillator is running and a write instruction to the registers is
directly evaluated within 1 internal CLK cycle (typ. 1µs)
S
DW
A
WA
A Sr
DR
A
data 1
A
data 2
AS3675 (= slave) receives data
AS3675 (= slave) transmits data
...
A
data n
N P
Read Register
WA++
S
DR
A
data 1
A
data 2
…
A
data n
N P
Read Register
WA++
Read Register
WA++
Read Register
WA++
Read Register
WA++
AS3675 (= slave) receives data
AS3675 (= slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com