Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 40 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 40 Page - ams AG

Back Button AS3675 Datasheet HTML 36Page - ams AG AS3675 Datasheet HTML 37Page - ams AG AS3675 Datasheet HTML 38Page - ams AG AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG AS3675 Datasheet HTML 41Page - ams AG AS3675 Datasheet HTML 42Page - ams AG AS3675 Datasheet HTML 43Page - ams AG AS3675 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
39 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.6
PWM Generator
6
pattern_slow
0R/W
Pattern timing control
0b
normal mode
1b
slow mode (all pattern times are increased by a
factor of eight)
Table 54. Pattern End
Register
Addr: 54h
Pattern End
Bit
Bit Name
Default Access
Description
0
pattern_end
0R
pattern_end is toggled from 0 to 1 (or from 1 to 0) at each
end of the pattern just before restarting of the internal
pattern generator at the first bit of the pattern data
(can be used to synchronize the baseband software to the
pattern generator)
1
1. pattern_end toggles whenever the AS3675 is in active mode (see Section 8.12 Operating Modes on page 71)
even if no pattern data has been setup.
Table 55. LED Pattern timing
pattern_slow
pattern_delay2 pattern_delay[1..0]
bit duration [ms]
delay [s]
between
patterns
pattern
duration [s]
(total cycle
time:
pattern +
delay)
delay between patterns
pattern_color=0 pattern_color=1
0
0
00
31
100
0
1
1
0
0
01
31
100
1
2
0
0
10
31
100
2
3
00
11
31100
3
4
0
1
00
31
100
4
5
0
1
01
31
100
5
6
0
1
10
31
100
6
7
01
11
31100
7
8
1
0
00
250
800
0
8
1
0
01
250
800
8
16
1
0
10
250
800
16
24
1
0
11
250
800
24
32
1
1
00
250
800
32
40
1
1
01
250
800
40
48
1
1
10
250
800
48
56
1
1
11
250
800
56
64
1. Even by setting 000 for pattern delay, there is a small delay before the new patterns starts.
Table 53. gpio current
Register (Continued)
Addr: 2Ch
gpio current
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com