Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 69 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 69 Page - ams AG

Back Button AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
68 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
If the device temperature exceeds the T140 threshold all current sources, the charge pump and the dcdc converter is
disabled and the ov_temp flag is set. After decreasing the temperature by THYST operation is resumed.
The ov_temp flag can only be reset by first writing a 1 and then a 0 to the register bit rst_ov_temp.
Bit ov_temp_on = 1 activates temperature supervision Table 91. It is recommend to leave this bit set (default state).
8.11 Serial Interface
The AS3675 is controlled using serial interface pins CLK and DATA:
Figure 34. Serial interface block diagram
Table 90. Overtemperature Detection
Symbol
Parameter
Condition
Min
Typ
Max
Unit
T140
ov_temp Rising
Threshold
140
ºC
THYST
ov_temp Hysteresis
5
ºC
Table 91. Overtemp control
Register
Addr: 29h
Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description
0
ov_temp_on
1W
Activates/deactivates device temperature supervision.
Default: Off - all other bits are only valid if this bit is set to 1
0
Temperature supervision is disabled. No reset
will be generated if the device temperature
exceeds 140ºC
1
Temperature supervision is enabled
1
ov_temp
N/A
R
1
Indicates that the overtemperature threshold
has been reached; this flag is not cleared by an
overtemperature reset. It has to be cleared
using rst_ov_temp
2
rst_ov_temp
0R/W
The ov_temp flag is cleared by first setting this bit to 1, and
then setting this bit to 0.



 
 
 



AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com