Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 57 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 57 Page - ams AG

Back Button AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG AS3675 Datasheet HTML 56Page - ams AG AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG AS3675 Datasheet HTML 60Page - ams AG AS3675 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
56 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 80. ADC_control
Register
Addr: 26h
ADC_control
This register input source selection and initialization of ADC
Bit
Bit Name
Default Access
Description
5:0
adc_select
1
03h
R/W
Selects input source as ADC input
000000 (00h)
AUDIO_IN
000001 (01h)
VANA/GPI
000010 (02h)
GPIO
000011 (03h)
audio controlled LED buffer output
000100 (04h)
reserved
000101 (05h)
RGB1
000110 (06h)
RGB2
000111 (07h)
RGB3
001000 (08h)
CURR1
001001 (09h)
CURR2
001010 (0Ah)
CURR30
001011 (0Bh)
CURR31
001100 (0Ch)
CURR32
001101 (0Dh)
CURR33
001110 (0Eh)
CURR41
001111 (0Fh)
CURR42
010000 (10h)
CURR43
010001 (11h)
reserved
010010 (12h)
reserved
010011 (13h)
CURR6
010100 (14h)
VBAT
010101 (15h)
CPOUT
010110 (16h)
DCDC_FB
010111 (17h)
ADCTEMP_CODE (junction temperature)
011xxx,
1xxxxx
reserved
6
NA
7
start_conversion
N/A
W
Writing a 1 into this bit starts one ADC conversion cycle.
1. See Table Table 76 for ADC ranges and resultion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com