Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 55 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 55 Page - ams AG

Back Button AS3675 Datasheet HTML 51Page - ams AG AS3675 Datasheet HTML 52Page - ams AG AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG AS3675 Datasheet HTML 56Page - ams AG AS3675 Datasheet HTML 57Page - ams AG AS3675 Datasheet HTML 58Page - ams AG AS3675 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
54 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.7
Analog-to-Digital Converter
The AS3675 has a built-in 10-bit successive approximation analog-to-digital converter (ADC). It is internally supplied
by V2_5, which is also the full-scale input range (0V defines the ADC zero-code). For input signals exceeding V2_5
(typ. 2.5V) a resistor divider with a gain of 0.4 (Ratioprescaler) is used to scale the input of the ADC converter. Conse-
quently the resolution is:
The junction temperature (TJUNCTION) can be calculated with the following formula (ADCTEMP_CODE is the adc conver-
sion result for channel 04h selected by register adc_select = 000100b):
TJUNCTION [
°C] = ADCTOFFSET - ADCTC · ADCTEMP_CODE
(EQ 5)
Table 76. ADC Input Ranges, Compliances and Resolution
Channels (Pins)
Input Range
VLSB
Note
DCDC_FB, GPIO, AUDIO_IN, VANA/
GPI, audio controlled LED buffer
output
0V-2.5V
2.44mV
VLSB=2.5/1024
ADCTEMP_CODE
-30°C to 125°C
1 / ADCTC
junction temperature
CURR30-33, CURR4x, RGBx
VBAT, CPOUT
0V-5.5V
6.1mV
VLSB=2.5/1024 * 1/0.4; internal
resistor divider used
CURR1, CURR2, CURR6
0V-1.0V
2.44mV
VLSB=2.5/1024
Table 77. ADC Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Resolution
10
Bit
VIN
Input Voltage Range
VSUPPLY = V2_5
VSS
see
Table
76
V
DNL
Differential Non-
Linearity
± 0.25
LSB
INL
Integral Non-Linearity
± 0.5
LSB
Vos
Input Offset Voltage
± 0.25
LSB
Rin
Input Impedance
100
M
Ω
Cin
Input Capacitance
9
pF
VSUPPLY
(V2_5)
Power Supply Range
± 2%, internally trimmed.
2.5
V
Idd
Power Supply Current
During conversion only.
500
µ A
Idd
Power Down Current
100
nA
TTOL
Temperature Sensor
Accuracy
@ 25
°C-10
+10
°C
ADCTOFFSET
ADC temperature
measurement offset
value
375
°C
ADCTC
Code temperature
coefficient
Temperature change per ADC LSB
1.293
9
°C/
Code
RatioPRESCALE
R
Ratio of Prescaler
For all low voltage current sinks, CPOUT
and VBAT
0.4
Transient Parameters (2.5V, 25 ºC)
Tc
Conversion Time
All signals are internally generated and
triggered by start_conversion
27
µs
fc
Clock Frequency
1.0
MHz
ts
Settling Time of S&H
16
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com