Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 42 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 42 Page - ams AG

Back Button AS3675 Datasheet HTML 38Page - ams AG AS3675 Datasheet HTML 39Page - ams AG AS3675 Datasheet HTML 40Page - ams AG AS3675 Datasheet HTML 41Page - ams AG AS3675 Datasheet HTML 42Page - ams AG AS3675 Datasheet HTML 43Page - ams AG AS3675 Datasheet HTML 44Page - ams AG AS3675 Datasheet HTML 45Page - ams AG AS3675 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
41 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 23. PWM Control Circuit (currX_mode = 10b (PWM controlled)); X = any current sink
The adder logic (available for all current sinks) is intended to allow dimming not only from 0% to 100% (or 100% to 0%)
of currX_current, but also e.g. from 10% to 110% (or 110% to 10%) of currX_current. The starting current for up dim-
ming is defined by 0 + currX_adder and the end current is defined by currX_current + currX_adder.
An overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register settings (currX_current +
currX_adder must not exceed 255).
If the register subX_en is set, the result from the pwm modulator is inverted logically. That means for up dimming the
starting current is defined by currX_adder - 1 and the end current is defined by currX_adder - currX_current - 1. An
overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register settings (currX_adder -
currX_current - 1 must not be below zero).
Its purpose is to dim one channel e.g. CURR30 from e.g. 110% to 10% of curr30_current and at the same time dim
another channel e.g. CURR31 from 20% to 120% of curr31_current.
Note: The adder logic operates independent of the currX_mode setting, but its main purpose is to work together with
the pwm modulator (improved up/down dimming)
If the adder logic is not used anymore, set the bit currX_adder to 0. (Setting adder_currentX to 0 is not suffi-
cient)
At the end of up/down dimming, the pwm_code register keeps its final value (for up-dimming 255 and for down-
dimming 0). This can be used to identify the exact time, when up/down dimming is finished.
Table 56. PWM Dimming Table
Decrease by 1/4th
every step
Decrease by 1/8th
every step
Seconds
Seconds
Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2.5msec/
Step
1
100,0
255
100,0
255
0,00s
0,00s
0,000s
0,000s
2
75,3
192
87,8
224
0,05s
0,03s
0,005s
0,003s
3
56,5
144
76,9
196
0,10s
0,05s
0,010s
0,005s
4
42,4
108
67,5
172
0,15s
0,08s
0,015s
0,008s
5
31,8
81
59,2
151
0,20s
0,10s
0,020s
0,010s
6
23,9
61
52,2
133
0,25s
0,13s
0,025s
0,013s
7
18,0
46
45,9
117
0,30s
0,15s
0,030s
0,015s
8
13,7
35
40,4
103
0,35s
0,18s
0,035s
0,018s
9
10,6
27
35,7
91
0,40s
0,20s
0,040s
0,020s
10
8,2
21
31,4
80
0,45s
0,23s
0,045s
0,023s
11
6,3
16
27,5
70
0,50s
0,25s
0,050s
0,025s
 


 

 

!!"
 
#
$ %!
 & 
 


% '
!& ! ( ) )
 * "!
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com