Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675 Datasheet(PDF) 8 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 8 Page - ams AG

Back Button AS3675 Datasheet HTML 4Page - ams AG AS3675 Datasheet HTML 5Page - ams AG AS3675 Datasheet HTML 6Page - ams AG AS3675 Datasheet HTML 7Page - ams AG AS3675 Datasheet HTML 8Page - ams AG AS3675 Datasheet HTML 9Page - ams AG AS3675 Datasheet HTML 10Page - ams AG AS3675 Datasheet HTML 11Page - ams AG AS3675 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
7 - 80
AS3675
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 2. DCDC Step Up Converter: Efficiency of +15V,
Figure 3. Charge Pump: Efficiency vs. VBAT
Step Up to 15V vs. Load Current at VBAT=3.8V
Figure 4. Charge Pump: Battery Current vs. VBAT
Figure 5. Current Sink CURR1 vs. V(CURRx)
Figure 6. Current Sink CURR1 Protection Current
Figure 7. Current Sink CURR3x vs. VBAT
65
70
75
80
85
90
0
0.010.020.030.040.05
0.06
Lo ad Cu rrent [A]
VOUT=14.2V
VOUT=17.2V
VOUT=22V
VOUT= 14.2V
fclk=550kHz
0
10
20
30
40
50
60
70
80
90
100
2.8
3
3.2
3.4
3.6
3.8
4
4.2
VBAT [V]
ILOAD=305mA
ILOAD=150mA
ILOAD=80mA
ILOAD=40mA
0
100
200
300
400
500
600
2.8
3
3.2
3.4
3.6
3.8
4
4.2
VBat[V]
ILOAD=305mA
ILOAD=150mA
ILOAD=80mA
ILOAD=40mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.00.5
1.01.5
2.0
VCURR1 [V]
ICURR1=2.4mA
ICURR1=19.2mAm
ICURR1=38.25mA
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0,0
5,0
10,0
15,0
20,0
V(CURR1) [V]
curr_prot1_on=0
curr_prot1_on=1
4.5uA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.0
0.5
1.0
1.5
2.0
VCURR30 [V]
ICURR30=2.4mA
ICURR30=19.2mAm
ICURR30=38.25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com