Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments CC1021-RTR1 Datasheet HTML 16Page - Texas Instruments CC1021-RTR1 Datasheet HTML 17Page - Texas Instruments CC1021-RTR1 Datasheet HTML 18Page - Texas Instruments CC1021-RTR1 Datasheet HTML 19Page - Texas Instruments CC1021-RTR1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
DIO
LOCK
DCLK
RF_IN
LNA
FREQ
SYNTH
DIGITAL
DEMODULATOR
- Digital RSSI
- Gain Control
- Image Suppression
- Channel Filtering
- Demodulation
DIGITAL
MODULATOR
- Modulation
- Data shaping
- Power Control
BIAS
Power
Control
DIGITAL
INTERFACE
TO mC
PA
ADC
ADC
RF_OUT
R_BIAS
XOSC_Q1 XOSC_Q2
PDO
XOSC
VC
CHP_OUT
LNA 2
0
90
:2
0
90
:2
Multiplexer
PA_EN
LNA_EN
PCLK
PDI
PSEL
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
5
Detailed Description
5.1
Overview
A simplified block diagram of CC1021 is shown in Figure 5-1. Only signal pins are shown.
CC1021 features a low-IF receiver. The received RF signal is amplified by the low-noise amplifier (LNA
and LNA2) and down-converted in quadrature (I and Q) to the intermediate frequency (IF). At IF, the I/Q
signal is complex filtered and amplified, and then digitized by the ADCs. Automatic gain control, fine
channel filtering, demodulation and bit synchronization is performed digitally. CC1021 outputs the digital
demodulated data on the DIO pin. A synchronized data clock is available at the DCLK pin. RSSI is
available in digital format and can be read via the serial interface. The RSSI also features a programmable
carrier sense indicator.
In transmit mode, the synthesized RF frequency is fed directly to the power amplifier (PA). The RF output
is frequency shift keyed (FSK) by the digital bit stream that is fed to the DIO pin. Optionally, a Gaussian
filter can be used to obtain Gaussian FSK (GFSK).
The frequency synthesizer includes a completely on-chip LC VCO and a 90 degrees phase splitter for
generating the LO_I and LO_Q signals to the down-conversion mixers in receive mode. The VCO
operates in the frequency range 1.608 to 1.880 GHz. The CHP_OUT pin is the charge pump output and
VC is the control node of the on-chip VCO. The external loop filter is placed between these pins. A crystal
is to be connected between XOSC_Q1 and XOSC_Q2. A lock signal is available from the PLL.
The 4-wire SPI serial interface is used for configuration.
5.2
Functional Block Diagram
Figure 5-1. CC1021 Simplified Block Diagram
16
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com