Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 77 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 73Page - Texas Instruments CC1021-RTR1 Datasheet HTML 74Page - Texas Instruments CC1021-RTR1 Datasheet HTML 75Page - Texas Instruments CC1021-RTR1 Datasheet HTML 76Page - Texas Instruments CC1021-RTR1 Datasheet HTML 77Page - Texas Instruments CC1021-RTR1 Datasheet HTML 78Page - Texas Instruments CC1021-RTR1 Datasheet HTML 79Page - Texas Instruments CC1021-RTR1 Datasheet HTML 80Page - Texas Instruments CC1021-RTR1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Table 5-59. RESET_DONE Register (41h, Read Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
RESET_DONE[7]
ADC_RESET_DONE
—
H
Reset of ADC control logic done
RESET_DONE[6]
AGC_RESET_DONE
—
H
Reset of AGC (VGA control) logic done
RESET_DONE[5]
GAUSS_RESET_DONE
—
H
Reset of Gaussian data filter done
RESET_DONE[4]
AFC_RESET_DONE
—
H
Reset of AFC / FSK decision level logic done
RESET_DONE[3]
BITSYNC_RESET_DONE
—
H
Reset of modulator, bit synchronization logic and PN9
PRBS generator done
RESET_DONE[2]
SYNTH_RESET_DONE
—
H
Reset digital part of frequency synthesizer done
RESET_DONE[1]
SEQ_RESET_DONE
—
H
Reset of power-up sequencing logic done
RESET_DONE[0]
CAL_LOCK_RESET_DONE
—
H
Reset of calibration logic and lock detector done
Table 5-60. RSSI Register (42h, Read Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
RSSI[7]
—
—
—
Not in use, will read 0
RSSI[6:0]
RSSI[6:0]
—
—
Received signal strength indicator.
The relative power is given by RSSI × 1.5 dB in a logarithmic scale.
The VGA gain set by VGA_SETTING must be taken into account. See
Section 5.9.5 for more details.
Table 5-61. AFC Register (43h, Read Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
AFC[7:0]
AFC[7:0]
—
—
Average received frequency deviation from IF. This 8-bit 2-complement
signed value equals the demodulator decision level and can be used
for AFC.
The average frequency offset from the IF frequency is
ΔF = Baud rate × AFC / 16
Table 5-62. GAUSS_FILTER Register (44h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
GAUSS_FILTER[7:0]
GAUSS_FILTER[7:0]
—
—
Readout of instantaneous IF frequency offset from nominal
IF. Signed 8-bit value.
ΔF = Baud rate × GAUSS_FILTER / 8
Table 5-63. STATUS1 Register (45h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
STATUS1[7:4]
CAL_DAC[3:0]
—
—
Status vector defining applied Calibration DAC value
STATUS1[3:0]
CHP_CURRENT[3:0]
—
—
Status vector defining applied CHP_CURRENT value
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
77
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com