Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 28Page - Texas Instruments CC1021-RTR1 Datasheet HTML 29Page - Texas Instruments CC1021-RTR1 Datasheet HTML 30Page - Texas Instruments CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
24. Write XG – DX to GAIN_COMP register.
25. Wait at least 3 ms. Measure signal strength Y1 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
26. Write XG – 2 × DX to GAIN_COMP register.
27. Wait at least 3 ms. Measure signal strength Y0 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
28. Set AG = 2 × (Y0 – Y2 + Y4) – (Y1 + Y3).
29.
If AG > 0 then
set DG = ROUND (7 × DX × (2 × (Y0 – Y4) + Y1 – Y3) / (10 × AG)
else
if Y0 + Y1 > Y3 + Y4 then
set DG = DX
else
set DG = –DX.
30.
If DG > DX then
set DG = DX
else
if DG < –DX then set DG = –DX
31. Set XG = XG + DG.
32. If DX > 1 then go to step 2.
33. Write XP to PHASE_COMP register and XG to GAIN_COMP register.
If repeated calibration gives varying results, try to change the input level or increase the number of RSSI
reads N. A good starting point is N=8. As accuracy is more important in the last fine-calibration steps, it
can be worthwhile to increase N for each loop iteration.
For high frequency deviation and high data rates (typically
≥ 76.8 kBaud) the analog filter succeeding the
mixer must be bypassed by setting FILTER_BYPASS = 1 in the FILTER register. In this case the image
rejection is degraded.
The image rejection is reduced for low supply voltages (typically < 2.5 V) when operating in the 402 to 470
MHz frequency range.
5.9.7
Blocking and Selectivity
Figure 5-13 shows the blocking/selectivity for 102.4 kHz channel filter bandwidth at 433 MHz and 19.2
kBaud data rate. Figure 5-14 shows the blocking/selectivity for 102.4 kHz channel filter bandwidth at 433
MHz and 38.4 kBaud data rate. Figure 5-15 shows the blocking/selectivity for 102.4 kHz channel filter
bandwidth at 868 MHz and 19.2 kBaud data rate. Figure 5-16 shows the blocking/selectivity for 102.4 kHz
channel filter bandwidth at 868 MHz and 38.4 kBaud data rate. The blocking rejection is the ratio between
a blocker (interferer) and a wanted signal 3 dB above the sensitivity limit.
32
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com