Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 57 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments CC1021-RTR1 Datasheet HTML 58Page - Texas Instruments CC1021-RTR1 Datasheet HTML 59Page - Texas Instruments CC1021-RTR1 Datasheet HTML 60Page - Texas Instruments CC1021-RTR1 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
5.20.2 Narrowband Systems
CC1021 is recommended for narrowband applications with channel spacing of 50 kHz and higher
complying with FCC CFR47 part 15 and EN 300 220.
CC1020 is recommended in narrowband applications with channel spacing of 12.5 or 25 kHz complying
with ARIB STD T-67 and EN 300 220.
CC1020 and CC1021 are fully compatible for channel spacings of 50 kHz and higher (receiver channel
filter bandwidths of 38.4 kHz and higher).
Due to on-chip complex filtering, the image frequency is removed. An on-chip calibration circuit is used to
get the best possible image rejection. A narrowband preselector filter is not necessary to achieve image
rejection.
A unique feature in CC1021 is the very fine frequency resolution. This can be used for temperature
compensation of the crystal if the temperature drift curve is known and a temperature sensor is included in
the system. Even initial adjustment can be performed using the frequency programmability. This
eliminates the need for an expensive TCXO and trimming in some applications. For more details refer to
Application Note AN027 Temperature Compensation by Indirect Method (SWRA065).
In less demanding applications, a crystal with low temperature drift and low aging could be used without
further compensation. A trimmer capacitor in the crystal oscillator circuit (in parallel with C5) could be used
to set the initial frequency accurately.
The frequency offset between a transmitter and receiver is measured in the CC1021 and can be read
back from the AFC register. The measured frequency offset can be used to calibrate the receiver
frequency using the transmitter as the reference. For more details refer to Application Note AN029
CC1020/1021 Automatic Frequency Control (AFC) (SWRA063).
CC1021 also has the possibility to use Gaussian shaped FSK (GFSK). This spectrum-shaping feature
improves adjacent channel power (ACP) and occupied bandwidth. In ‘true’ FSK systems with abrupt
frequency shifting, the spectrum is inherently broad. By making the frequency shift ‘softer’, the spectrum
can be made significantly narrower. Thus, higher data rates can be transmitted in the same bandwidth
using GFSK.
5.20.3 Low Cost Systems
As the CC1021 provide true narrowband multi-channel performance without any external filters, a very low
cost high performance system can be achieved. The oscillator crystal can then be a low cost crystal with
50 ppm frequency tolerance using the on-chip frequency tuning possibilities.
5.20.4 Battery Operated Systems
In low power applications, the power down mode should be used when CC1021 is not being active.
Depending on the start-up time requirement, the oscillator core can be powered during power down. See
Section 5.14 for information on how effective power management can be implemented.
5.20.5 High Reliability Systems
Using a SAW filter as a preselector will improve the communication reliability in harsh environments by
reducing the probability of blocking. The receiver sensitivity and the output power will be reduced due to
the filter insertion loss. By inserting the filter in the RX path only, together with an external RX/TX switch,
only the receiver sensitivity is reduced and output power is remained. The PA_EN and LNA_EN pin can
be configured to control an external LNA, RX/TX switch or power amplifier. This is controlled by the
INTERFACE register.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
57
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com