Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 10Page - Texas Instruments CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments CC1021-RTR1 Datasheet HTML 16Page - Texas Instruments CC1021-RTR1 Datasheet HTML 17Page - Texas Instruments CC1021-RTR1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Digital Inputs / Outputs (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
TX mode, minimum time
DIO must be held after the
DIO hold time
10
ns
positive edge of DCLK.
Data should be set up on
the negative edge of DCLK.
Serial interface
See Table 5-1 for more
(PCLK, PDI, PDO and PSEL)
details
timing specification
0 V on LNA_EN, PA_EN pins
0.90
mA
0.5 V on LNA_EN, PA_EN pins
0.87
mA
Source
current
1.0 V on LNA_EN, PA_EN pins
0.81
mA
Pin drive,
1.5 V on LNA_EN, PA_EN pins
0.69
mA
See Figure 5-32 for more
LNA_EN,
details.
3.0 V on LNA_EN, PA_EN pins
0.93
mA
PA_EN
2.5 V on LNA_EN, PA_EN pins
0.92
mA
Sink current
2.0 V on LNA_EN, PA_EN pins
0.89
mA
1.5 V on LNA_EN, PA_EN pins
0.79
mA
4.11 Current Consumption
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Power Down mode
0.2
1.8
µA
Oscillator core off
Current Consumption,
19.9
mA
receive mode 433 and 868 MHz
P = –20 dBm
12.3/14.5
mA
P = –5 dBm
14.4/17.0
mA
The output power is delivered to a
Current Consumption,
P = 0 dBm
16.2/20.5
mA
50
Ω single-ended load.
transmit mode 433/868 MHz
P = +5 dBm
20.5/25.1
mA
See Section 5.10.2 for more details.
P = +10 dBm
27.1
mA
(433 MHz only)
Current Consumption, crystal oscillator
77
µA
14.7456 MHz, 16 pF load crystal
Current Consumption, crystal oscillator and bias
500
µA
14.7456 MHz, 16 pF load crystal
Current Consumption, crystal oscillator, bias and synthesizer
7.5
mA
14.7456 MHz, 16 pF load crystal
14
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com