Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 7Page - Texas Instruments CC1021-RTR1 Datasheet HTML 8Page - Texas Instruments CC1021-RTR1 Datasheet HTML 9Page - Texas Instruments CC1021-RTR1 Datasheet HTML 10Page - Texas Instruments CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
RF Receive (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
433 MHz
–14
dB
Using application circuit matching
Matched input
network. See Section 5.11 for
impedance, S11
868 MHz
–12
dB
details.
433 MHz
39 – j14
Ω
Using application circuit matching
Matched input
network. See Section 5.11 for
impedance
868 MHz
32 – j10
Ω
details.
The maximum bit rate offset
tolerated by the bit synchronization
Bit synchronization offset
8000
ppm
circuit for 6 dB degradation
(synchronous modes only)
NRZ mode
4
Baud
Time from clocking the data on the
Data latency
transmitter DIO pin until data is
Manchester mode
8
Baud
available on receiver DIO pin
4.6
RSSI / Carrier Sense
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
TYP
UNIT
CONDITION
RSSI dynamic range
55
dB
See Section 5.9.5 for details.
RSSI accuracy
±3
dB
See Section 5.9.5 for details.
RSSI linearity
±1
dB
51.2 kHz channel filter BW
730
µs
Shorter RSSI attach times can be traded
for lower RSSI accuracy. See
102.4 kHz channel filter BW
380
µs
Section 5.9.5 for details.
RSSI attach time
Shorter RSSI attach times can also be
traded for reduced sensitivity and
307.2 kHz channel filter BW
140
µs
selectivity by increasing the receiver
channel filter bandwidth.
Carrier sense programmable range
40
dB
Accuracy is as for RSSI
±100 kHz
–57
dBm
At carrier sense level –98 dBm, CW
102.4 kHz channel filter BW,
jammer at ±100 kHz and ±200 kHz
433 MHz
±200 kHz
–44
dBm
Carrier sense
offset.
±100 kHz
–60
dBm
at ±100 kHz and
Carrier sense is measured by applying a
102.4 kHz channel filter BW,
±200 kHz offset
signal at ±100 kHz and ±200 kHz offset
868 MHz
and observe at which level carrier sense
±200 kHz
–44
dBm
is indicated.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com