Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 29Page - Texas Instruments CC1021-RTR1 Datasheet HTML 30Page - Texas Instruments CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Figure 5-14. Typical Blocker Rejection. Carrier Frequency Set to
Figure 5-13. Typical Blocker Rejection. Carrier Frequency Set to
434.3072 MHz (102.4 kHz Channel Filter Bandwidth, 38.4 kBaud)
434.3072 MHz (102.4 kHz Channel Filter Bandwidth, 19.2 kBaud)
Figure 5-16. Typical Blocker Rejection. Carrier Frequency Set to
Figure 5-15. Typical Blocker Rejection. Carrier Frequency Set to
868.3072 MHz (102.4 kHz Channel Filter Bandwidth, 38.4 kBaud)
868.3072 MHz (102.4 kHz Channel Filter Bandwidth, 19.2 kBaud)
5.9.8
Linear IF Chain and AGC Settings
CC1021 is based on a linear IF chain where the signal amplification is done in an analog VGA (Variable
Gain Amplifier). The gain is controlled by the digital part of the IF chain after the ADC (Analog to Digital
Converter). The AGC (Automatic Gain Control) loop ensures that the ADC operates inside its dynamic
range by using an analog/digital feedback loop.
The maximum VGA gain is programmed by the VGA_SETTING[4:0] in the VGA3 register. The VGA gain
is programmed in approximately 3 dB/LSB. The VGA gain should be set so that the amplified thermal
noise from the front-end balance the quantization noise from the ADC. Therefore the optimum maximum
VGA gain setting will depend on the channel filter bandwidth.
A digital RSSI is used to measure the signal strength after the ADC. The CS_LEVEL[4:0] in the VGA4
register is used to set the nominal operating point of the gain control (and also the carrier sense level).
Further explanation can be found in Figure 5-17.
The VGA gain will be changed according to a threshold set by the VGA_DOWN[2:0] in the VGA3 register
and the VGA_UP[2:0] in the VGA4 register. Together, these two values specify the signal strength limits
used by the AGC to adjust the VGA gain.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com