Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments CC1021-RTR1 Datasheet HTML 38Page - Texas Instruments CC1021-RTR1 Datasheet HTML 39Page - Texas Instruments CC1021-RTR1 Datasheet HTML 40Page - Texas Instruments CC1021-RTR1 Datasheet HTML 41Page - Texas Instruments CC1021-RTR1 Datasheet HTML 42Page - Texas Instruments CC1021-RTR1 Datasheet HTML 43Page - Texas Instruments CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Figure 5-19. GFSK Eye Diagram. 153.6 kBaud, NRZ, ±79.2 kHz Frequency Deviation.
5.10.2 Output Power Programming
The RF output power from the device is programmable by the 8-bit PA_POWER register. Figure 5-20 and
Figure 5-21 show the output power and total current consumption as a function of the PA_POWER
register setting. It is more efficient in terms of current consumption to use either the lower or upper 4-bits
in the register to control the power, as shown in Figure 5-20 and Figure 5-21. However, the output power
can be controlled in finer steps using all the available bits in the PA_POWER register.
Figure 5-21. Typical Output Power and Current Consumption,
Figure 5-20. Typical Output Power and Current Consumption,
868 MHz
433 MHz
5.10.3 TX Data Latency
The transmitter will add a delay due to the synchronization of the data with DCLK and further clocking into
the modulator. The user should therefore add a delay equivalent to at least 2 bits after the data payload
has been transmitted before switching off the PA (that is, before stopping the transmission).
40
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com