Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 52 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 48Page - Texas Instruments CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
The AGC has a certain time-constant determined by FILTER_CLK, which depends on the IF filter
bandwidth. There is a lower limit on FILTER_CLK and hence the AGC time constant. For low data rates
the minimum time constant is too fast and the AGC will increase the gain when a "0" is received and
decrease the gain when a "1" is received. For this reason, the minimum data rate in OOK is 9.6 kBaud.
Typical figures for the receiver sensitivity (BER = 10−3) are shown in Table 5-14 for OOK.
Figure 5-29. OOK Eye Diagram, 9.6 kBaud
Table 5-14. Typical Receiver Sensitivity as a Function
of Data Rate at 433 and 868 MHz, OOK Modulation,
BER = 10–3, Pseudo-random Data (PN9 Sequence)
SENSITIVITY [dBm]
DATA
FILTER BW
433 MHz
868 MHz
RATE
[kHz]
MANCHESTER
MANCHESTER
[kBaud]
MODE
MODE
9.6
38.4
–103
–104
19.2
51.2
–102
–101
38.4
102.4
–95
–97
76.8
153.6
–92
–94
153.6
307.2
–81
–87
5.16 Crystal Oscillator
The recommended crystal frequency is 14.7456 MHz, but any crystal frequency in the range 4 to 20 MHz
can be used. Using a crystal frequency different from 14.7456 MHz might in some applications give
degraded performance. Refer to Application Note AN022 Crystal Frequency Selection (SWRA070) for
more details on the use of other crystal frequencies than 14.7456 MHz. The crystal frequency is used as
reference for the data rate (as well as other internal functions) and in the 4 to 20 MHz range the
frequencies 4.9152, 7.3728, 9.8304, 12.2880, 14.7456, 17.2032, 19.6608 MHz will give accurate data
rates as shown in Table 5-4 and an IF frequency of 307.2 kHz. The crystal frequency will influence the
programming of the CLOCK_A, CLOCK_B and MODEM registers.
An external clock signal or the internal crystal oscillator can be used as main frequency reference. An
external clock signal should be connected to XOSC_Q1, while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the INTERFACE register should be set to ‘1’ when an external digital rail-to-rail
clock signal is used. No DC block should be used then. A sine with smaller amplitude can also be used. A
DC blocking capacitor must then be used (10 nF) and the XOSC_BYPASS bit in the INTERFACE register
should be set to ‘0’. For input signal amplitude, see Section 4.8.
52
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com