Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 6Page - Texas Instruments CC1021-RTR1 Datasheet HTML 7Page - Texas Instruments CC1021-RTR1 Datasheet HTML 8Page - Texas Instruments CC1021-RTR1 Datasheet HTML 9Page - Texas Instruments CC1021-RTR1 Datasheet HTML 10Page - Texas Instruments CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
RF Receive (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
433 MHz,
Measured at ±100 kHz offset.
32
dB
102.4 kHz channel filter BW
See Figure 5-13 through Figure 5-
Adjacent channel
16. Wanted signal 3 dB above the
rejection (ACR)
868 MHz,
sensitivity level, CW jammer at
30
dB
102.4 kHz channel filter BW
adjacent channel, BER = 10−3.
No I/Q gain and
Wanted signal 3 dB above the
25/25
dB
phase calibration
sensitivity level, CW jammer at
image frequency, BER = 10−3.
102.4 kHz channel filter
Image channel
bandwidth. See Figure 5-13
433/868 MHz
rejection
through Figure 5-16.
I/Q gain and
50/50
dB
Image rejection after calibration
phase calibrated
will depend on temperature and
supply voltage. Refer to
Section 5.9.6.
433 MHz,
±200 kHz offset
45
dB
Wanted signal 3 dB above the
102.4 kHz
sensitivity level. CW jammer is
channel filter
±300 kHz offset
53
dB
swept in 20 kHz steps within ±1
Selectivity(2)
BW
MHz from wanted channel.
BER = 10−3. Adjacent channel and
868 MHz,
±200 kHz offset
45
dB
image channel are excluded.
102.4 kHz
See Figure 5-13 through Figure 5-
channel filter
±300 kHz offset
50
dB
16.
BW
±1 MHz
52/58
dB
Wanted signal 3 dB above the
sensitivity level,
±2 MHz
56/64
dB
CW jammer at ±1, 2, 5 and 10
±5 MHz
58/64
dB
Blocking /
MHz offset,
433/868 MHz
Desensitization(3)
BER = 10−3. 102.4 kHz channel
filter bandwidth.
±10 MHz
64/66
dB
Complying with EN 300 220, class
2 receiver requirements.
No I/Q gain and
Ratio between sensitivity for a
35/35
dB
phase calibration
signal at the image frequency to
the sensitivity in the wanted
Image frequency
channel.
433/868 MHz
suppression
Image frequency is RF
− 2 IF. BER
I/Q gain and
60/60
dB
= 10−3.
phase calibrated
102.4 kHz channel filter
bandwidth.
Ratio between sensitivity for an
unwanted frequency to the
sensitivity in the wanted channel.
Spurious rejection
37
dB
The signal source is swept over all
frequencies 100 MHz to 2 GHz.
Signal level for BER = 10−3. 102.4
kHz channel filter bandwidth.
LO leakage
433/868 MHz
< –80/–66
dBm
VCO frequency resides between
VCO leakage
–64
dBm
1608 to 1880 MHz
9 kHz to 1 GHz
< –60
dBm
Complying with EN 300 220, FCC
CFR47 part 15 and ARIB STD-
Spurious emission,
T96.
radiated CW
Spurious emissions can be
1 to 4 GHz
< –60
dBm
measured as EIRP values
according to EN 300 220.
433 MHz
58 – j10
Ω
Receive mode. See Section 5.11
Input impedance
for details.
868 MHz
54 – j22
Ω
(2)
Close-in spurious response rejection.
(3)
Out-of-band spurious response rejection.
10
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com