Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 8Page - Texas Instruments CC1021-RTR1 Datasheet HTML 9Page - Texas Instruments CC1021-RTR1 Datasheet HTML 10Page - Texas Instruments CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments CC1021-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
4.7
Intermediate Frequency (IF)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
TYP
UNIT
CONDITION
Intermediate frequency (IF)
307.2
kHz
See Section 5.9.1 for details.
The channel filter 6 dB bandwidth is programmable
Digital channel filter bandwidth
38.4 to 307.2
kHz
from 9.6 kHz to 307.2 kHz. See Section 5.9.2 for
details.
At 19.2 kBaud
AFC resolution
1200
Hz
Given as Baud rate / 16. See Section 5.9.13 for
details.
4.8
Crystal Oscillator
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Recommended frequency is
Crystal Oscillator Frequency
4.9152
14.7456
19.6608
MHz
14.7456 MHz. See
Section 5.16 for details.
C4 and C5 are loading
Crystal operation
Parallel
capacitors. See Section 5.16
for details.
4.9 to 6 MHz,
12
22
30
pF
22 pF recommended
6 to 8 MHz,
Crystal load capacitance
12
16
30
pF
16 pF recommended
8 to 19.6 MHz,
12
16
16
pF
16 pF recommended
4.9152 MHz, 12 pF load
1.55
ms
7.3728 MHz, 12 pF load
1
ms
9.8304 MHz, 12 pF load
0.9
ms
Crystal oscillator
start-up time
14.7456 MHz, 16 pF load
0.95
ms
17.2032 MHz, 12 pF load
0.6
ms
19.6608 MHz, 12 pF load
0.63
ms
The external clock signal must
be connected to XOSC_Q1
using a DC block (10 nF). Set
XOSC_BYPASS = 0 in the
External clock signal drive, sine wave
300
mVpp
INTERFACE register when
using an external clock signal
with low amplitude or a
crystal.
The external clock signal must
be connected to XOSC_Q1.
No DC block shall be used.
External clock signal drive, full-swing digital external clock
0 – VDD
V
Set XOSC_BYPASS = 1 in
the INTERFACE register
when using a full-swing digital
external clock.
12
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com