Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1021-RTR1 Datasheet HTML 1Page - Texas Instruments CC1021-RTR1 Datasheet HTML 2Page - Texas Instruments CC1021-RTR1 Datasheet HTML 3Page - Texas Instruments CC1021-RTR1 Datasheet HTML 4Page - Texas Instruments CC1021-RTR1 Datasheet HTML 5Page - Texas Instruments CC1021-RTR1 Datasheet HTML 6Page - Texas Instruments CC1021-RTR1 Datasheet HTML 7Page - Texas Instruments CC1021-RTR1 Datasheet HTML 8Page - Texas Instruments CC1021-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
CC1021 Single Chip Low Power RF Transceiver for Narrowband Systems
Not Recommended for New Designs NRND
1
Device Overview
1.1
Features
1
• True Single Chip UHF RF Transceiver
• Pb-Free Package
• Frequency Range 402 MHz to 470 MHz and
• Digital RSSI and Carrier Sense Indicator
804 MHz to 960 MHz
• Data Rate Up to 153.6 kBaud
• High Sensitivity
• OOK, FSK, and GFSK Data Modulation
– Up to –112 dBm for 38.4 kHz Receiver Channel
• Integrated Bit Synchronizer
Filter Bandwidth
• Image Rejection Mixer
– Up to –106 dBm for 102.4 kHz Receiver
• Programmable Frequency
Channel Filter Bandwidth
• Automatic Frequency Control (AFC)
• Programmable Output Power
• Suitable for Frequency Hopping Systems
• Low Current Consumption
• Suited for Systems Targeting Compliance With
– RX: 19.9 mA
EN 300 220, FCC CFR47 Part 15, ARIB STD-T96
• Low Supply Voltage
• Development Kit Available
– From 2.3 V to 3.6 V
• Easy-to-Use Software for Generating the CC1021
• Very Few External Components Required
Configuration Data
• Small Size
• Fully Compatible With CC1020 for Receiver
– QFN 32 Package
Channel Filter Bandwidths of 38.4 kHz and Higher
1.2
Applications
•
Low Power UHF Wireless Data Transmitters and
•
AMR – Automatic Meter Reading
Receivers With Channel Spacings
•
Wireless Alarm and Security Systems
of 50 kHz or Higher
•
Home Automation
•
433-, 868-, 915-, 960-MHz ISM/SRD Band
•
Low Power Telemetry
Systems
•
Automotive (RKE/TPMS)
1.3
Description
The CC1021 device is a true single-chip UHF transceiver designed for very low power and very low
voltage wireless applications. The circuit is mainly intended for the ISM (Industrial, Scientific and Medical)
and SRD (Short Range Device) frequency bands at 433 MHz, 868 MHz, and 915 MHz, but can easily be
programmed for multichannel operation at other frequencies in the 402- to 470-MHz and 804- to 960-MHz
range.
The CC1021 device is especially suited for narrowband systems with channel spacing of 50 kHz and
higher complying with EN 300 220, FCC CFR47 part 15, and ARIB STD-T96.
The CC1021 main operating parameters can be programmed through a serial bus, thus making CC1021 a
very flexible and easy to use transceiver.
In a typical system, CC1021 will be used together with a microcontroller and a few external passive
components.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC1021
VQFNP (32)
7.00 mm × 7.00 mm
(1)
For more information, see Section 8, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC1021-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021-RTR1 TI-CC1021-RTR1 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com