Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
C5
C4
XTAL
XOSC_Q2
XOSC_Q1
L
parasitic
4
5
1
C
C
1
1
C
C
=
+
+
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Using the internal crystal oscillator, the crystal must be connected between the XOSC_Q1 and XOSC_Q2
pins. The oscillator is designed for parallel mode operation of the crystal. In addition, loading capacitors
(C4 and C5) for the crystal are required. The loading capacitor values depend on the total load
capacitance, CL , specified for the crystal. The total load capacitance seen between the crystal terminals
should equal CL for the crystal to oscillate at the specified frequency.
(33)
The parasitic capacitance is constituted by pin input capacitance and PCB stray capacitance. Total
parasitic capacitance is typically 8 pF. A trimming capacitor may be placed across C5 for initial tuning if
necessary.
The crystal oscillator circuit is shown in Figure 5-30. Typical component values for different values of CL
are given in Table 5-15.
The crystal oscillator is amplitude regulated. This means that a high current is required to initiate the
oscillations. When the amplitude builds up, the current is reduced to what is necessary to maintain
approximately 600 mVpp amplitude. This ensures a fast start-up, keeps the drive level to a minimum and
makes the oscillator insensitive to ESR variations. As long as the recommended load capacitance values
are used, the ESR is not critical.
The initial tolerance, temperature drift, aging and load pulling should be carefully specified in order to meet
the required frequency accuracy in a certain application. By specifying the total expected frequency
accuracy in SmartRF Studio together with data rate and frequency separation, the software will estimate
the total bandwidth and compare to the available receiver channel filter bandwidth. The software will report
any contradictions and a more accurate crystal will be recommended if required.
Figure 5-30. Crystal Oscillator Circuit
Table 5-15. Crystal Oscillator Component Values
ITEM
CL = 12 pF
CL = 16 pF
CL = 22 pF
C4
6.8 pF
15 pF
27 pF
C5
6.8 pF
15 pF
27 pF
5.17 Built-in Test Pattern Generator
The CC1021 has a built-in test pattern generator that generates a PN9 pseudo random sequence. The
PN9_ENABLE bit in the MODEM register enables the PN9 generator. A transition on the DIO pin is
required after enabling the PN9 pseudo random sequence.
The PN9 pseudo random sequence is defined by the polynomial x9 + x5 + 1.
The PN9 sequence is ‘XOR’ed with the DIO signal in both TX and RX mode as shown in Figure 5-31.
Hence, by transmitting only zeros (DIO = 0), the BER (Bit Error Rate) can be tested by counting the
number of received ones.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
53
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com