Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 56 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments CC1021-RTR1 Datasheet HTML 58Page - Texas Instruments CC1021-RTR1 Datasheet HTML 59Page - Texas Instruments CC1021-RTR1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
5.19.2 General Purpose Output Control Pins
The two digital output pins, PA_EN and LNA_EN, can be used as two general control signals by setting
EXT_PA = 0 and EXT_LNA = 0. The output value is then set directly by the value written to EXT_PA_POL
and EXT_LNA_POL.
The LOCK pin can also be used as a general-purpose output pin. The LOCK pin is controlled by
LOCK_SELECT[3:0] in the LOCK register. The LOCK pin is low when LOCK_SELECT[3:0] = 0000, and
high when LOCK_SELECT[3:0] = 0001.
These features can be used to save I/O pins on the microcontroller when the other functions associated
with these pins are not used.
5.19.3 PA_EN and LNA_EN Pin Drive
Figure 5-32 shows the PA_EN and LNA_EN pin drive currents. The sink and source currents have
opposite signs but absolute values are used in Figure 5-32.
Figure 5-32. PA_EN and LNA_EN Pin Drive
5.20 System Considerations and Guidelines
5.20.1 SRD Regulations
International regulations and national laws regulate the use of radio receivers and transmitters. SRDs
(Short Range Devices) for license free operation are allowed to operate in the 433 and 868 to 870 MHz
bands in most European countries. In the United States, such devices operate in the 260 to 470 and 902
to 928 MHz bands. A summary of the most important aspects of these regulations can be found in
Application Note AN001 SRD Regulations for License Free Transceiver Operation (SWRA090).
56
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com